Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2000 Datasheet(PDF) 39 Page - Linear Technology

Part # LTC2000
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Datasheet(HTML) 39 Page - Linear Technology

Back Button LTC2000 Datasheet HTML 35Page - Linear Technology LTC2000 Datasheet HTML 36Page - Linear Technology LTC2000 Datasheet HTML 37Page - Linear Technology LTC2000 Datasheet HTML 38Page - Linear Technology LTC2000 Datasheet HTML 39Page - Linear Technology LTC2000 Datasheet HTML 40Page - Linear Technology LTC2000 Datasheet HTML 41Page - Linear Technology LTC2000 Datasheet HTML 42Page - Linear Technology LTC2000 Datasheet HTML 43Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
LTC2000A
39
2000afb
For more information www.linear.com/LTC2000A
APPLICATIONS INFORMATION
0.4 cycles, the DCKIP/N rising edges are arriving in dif-
ferent sample clock cycles.
For the example in Figure 15a, we might read 0x25 for
SYNC_PH on DAC X and 0x52 on DAC Y. Table 12 tells us
that the DCKIP/N to CKP/N delay is greater than 0.8 cycles
for DAC X and less than 0.2 cycles for DAC Y, and thus the
differencebetweenthemisatleast0.6cycles. Weconclude
that the DCKIP/N rising edge of DAC X must fall within
a later sample clock cycle than that of DAC Y, and thus
that DAC X is being updated one cycle later than DAC Y.
To correct any such misalignment and synchronize the
DACs, consult Table 12 and adjust the SYNC_PS settings
for those DACs which are being updated one cycle late
(DAC X in the above example) by setting the synchronizer
to manual mode (SYNC_MSYN = 1) and overwriting the
SYNC_PS value.
In this example, reading register 0x06 of DAC X shows
SYNC_PH = 0x25 and that the SYNC_PS setting needs to
change from the default (10) to the desired adjusted value
(00),subtractingonecyclefromthelatencyofDACX(refer
to Table 12). Write 0x04 to register 0x05 of DAC X to set
SYNC_MSYN = 1 and SYNC_PS = 00. The outputs of DAC
X should now align with DAC Y as shown in Figure 15a.
SeeTable6fordetailsregardingthesynchronizerregisters
0x05 and 0x06. Sample verilog code implementing the
synchronization of multiple LTC2000As using Tables 12
and 13 can be found at:
http://www.linear.com/docs/44845
Synchronizing Multiple LTC2000As in Single-Port Mode
Figure15bshowssamplewaveformsforsynchronizingtwo
LTC2000As in single port mode. Synchronizing multiple
LTC2000As in single port mode is essentially the same
Table 12. Adjusting Latency in Dual-Port Mode
PHASE COMPARATOR OUTPUTS
SYNC_PH (REG 0x06)
DELAY FROM DCKIP/N RISING
EDGE TO NEXT CKP/N RISING EDGE
(CKP/N CYCLES)
SYNC_PS SETTING
(DEFAULT)
(ADJUSTED TO REDUCE LATENCY
BY 1 CYCLE)*
0x03
0 to 0.2
10
N/A
0x04
0.2 to 0.4
10
N/A
0x05
0.4 to 0.6
10
N/A
0x15
0.6 to 0.8
10
00
0x25
0.8 to 1.0
10
00
0x35
0 to 0.2
00
N/A
0x45
0.2 to 0.4
00
N/A
0x55
0.4 to 0.6
00
N/A
0x54
0.6 to 0.8
00
01
0x53
0.8 to 1.0
00
01
0x52
0 to 0.2
01
N/A
0x51
0.2 to 0.4
01
N/A
0x50
0.4 to 0.6
01
N/A
0x40
0.6 to 0.8
01
11
0x30
0.8 to 1.0
01
11
0x20
0 to 0.2
11
N/A
0x10
0.2 to 0.4
11
N/A
0x00
0.4 to 0.6
11
N/A
0x01
0.6 to 0.8
11
10
0x02
0.8 to 1.0
11
10
*N/A indicate SYNC_PH values that should not occur if the timing mismatch requirements described above are met. If such a case occurs,
keep SYNC_PS as the default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com