Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2202 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2202
Description  16-Bit, 20Msps Serial Low Noise Dual ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2202 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2202 Datasheet HTML 16Page - Linear Technology LTC2202 Datasheet HTML 17Page - Linear Technology LTC2202 Datasheet HTML 18Page - Linear Technology LTC2202 Datasheet HTML 19Page - Linear Technology LTC2202 Datasheet HTML 20Page - Linear Technology LTC2202 Datasheet HTML 21Page - Linear Technology LTC2202 Datasheet HTML 22Page - Linear Technology LTC2202 Datasheet HTML 23Page - Linear Technology LTC2202 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC2271
20
2271f
APPLICATIONS INFORMATION
REGISTER A2: OUTPUT MODE REGISTER (ADDRESS 02h)
D7
D6
D5
D4
D3
D2
D1
D0
ILVDS2
ILVDS1
ILVDS0
TERMON
OUTOFF
OUTTEST
OUTMODE1
OUTMODE0
Bits 7-5
ILVDS2:ILVDS0 LVDS Output Current Bits
000 = 3.5mA LVDS Output Driver Current
001 = 4.0mA LVDS Output Driver Current
010 = 4.5mA LVDS Output Driver Current
011 = Not Used
100 = 3.0mA LVDS Output Driver Current
101 = 2.5mA LVDS Output Driver Current
110 = 2.1mA LVDS Output Driver Current
111 = 1.75mA LVDS Output Driver Current
Bit 4
TERMON
LVDS Internal Termination Bit
0 = Internal Termination Off
1 = Internal Termination On. LVDS Output Driver Current is 2× the Current Set by ILVDS2:ILVDS0
Bit 3
OUTOFF
Output Disable Bit
0 = Digital Outputs are Enabled
1 = Digital Outputs are Disabled
Bit 2
OUTTEST
Digital Output Test Pattern Control Bit
0 = Digital Output Test Pattern Off
1 = Digital Output Test Pattern On
Bits 1-0
OUTMODE1:OUTMODE0
Digital Output Mode Control Bits
00 = 2-Lane Output Mode
01 = 4-Lane Output Mode
10 = 1-Lane Output Mode
11 = Not Used
REGISTER A3: TEST PATTERN MSB REGISTER (ADDRESS 03h)
D7
D6
D5
D4
D3
D2
D1
D0
TP15
TP14
TP13
TP12
TP11
TP10
TP9
TP8
Bits 7-0
TP15:TP8
Test Pattern Data Bits (MSB)
TP15:TP8 Set the Test Pattern for Data Bit 15 (MSB) Through Data Bit 8.
REGISTER A4: TEST PATTERN LSB REGISTER (ADDRESS 04h)
D7
D6
D5
D4
D3
D2
D1
D0
TP7
TP6
TP5
TP4
TP3
TP2
TP1
TP0
Bits 7-0
TP7:TP0
Test Pattern Data Bits (LSB)
TP7:TP0 Set the Test Pattern for Data Bit 7 Through Data Bit 0 (LSB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com