Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6945 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC6945
Description  16-Bit, 20Msps Serial Low Noise Dual ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6945 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC6945 Datasheet HTML 8Page - Linear Technology LTC6945 Datasheet HTML 9Page - Linear Technology LTC6945 Datasheet HTML 10Page - Linear Technology LTC6945 Datasheet HTML 11Page - Linear Technology LTC6945 Datasheet HTML 12Page - Linear Technology LTC6945 Datasheet HTML 13Page - Linear Technology LTC6945 Datasheet HTML 14Page - Linear Technology LTC6945 Datasheet HTML 15Page - Linear Technology LTC6945 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC2271
12
2271f
SENSE (Pin 50): Reference Programming Pin. Connecting
SENSE to VDD selects the internal reference and a ±1.05V
input range. Connecting SENSE to ground selects the
internal reference and a ±0.525V input range. An external
reference between 0.625V and 1.3V applied to SENSE
selects an input range of ±0.84 • VSENSE.
LVDS Outputs
The following pins are differential LVDS outputs. The
output current level is programmable. There is an optional
internal 100Ω termination resistor between the pins of
each LVDS output pair.
PIN FUNCTIONS
OUT2D–/OUT2D+, OUT2C–/OUT2C+, OUT2B–/OUT2B+,
OUT2A–/OUT2A+ (Pins 23/24, 25/26, 27/28, 29/30):
Serial
Data Outputs for Channel 2. In 1-lane output mode only
OUT2A–/OUT2A+ are used. In 2-Lane output mode only
OUT2A–/OUT2A+ and OUT2B–/OUT2B+ are used.
FR–/FR+ (Pins 31/32):
Frame Start Outputs.
DCO–/DCO+ (Pins 35/36):
Data Clock Outputs.
OUT1D–/OUT1D+, OUT1C–/OUT1C+, OUT1B–/OUT1B+,
OUT1A–/OUT1A+ (Pins 37/38, 39/40, 41/42, 43/44):
Serial
Data Outputs for Channel 1. In 1-lane output mode only
OUT1A–/OUT1A+ are used. In 2-lane output mode only
OUT1A–/OUT1A+ and OUT1B–/OUT1B+ are used.
FUNCTIONAL BLOCK DIAGRAM
DIFF REF
AMP
REF BUF
2.2μF
1μF
1μF
1μF
1μF
REFH
REFL
RANGE
SELECT
1.25V
REFERENCE
REFH
REFL
VCM1
VCM2
VDD/2
SDO
2271 F01
CS
S/H
SENSE
VREF
2.2μF
MODE
CONTROL
REGISTERS
SCK
PAR/SER
SDI
16-BIT
ADC CORE
CH2
ANALOG
INPUT
CH1
ANALOG
INPUT
S/H
16-BIT
ADC CORE
OUT1A
OUT1B
OUT1C
OUT1D
OUT2A
OUT2B
OUT2C
OUT2D
DATA CLOCK OUT
FRAME
DATA
SERIALIZER
OGND
OVDD
ENC–
VDD
ENC+
1.8V
1.8V
PLL
Figure 1. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com