Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM9002 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM9002
Description  16-Bit, 20Msps Serial Low Noise Dual ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 1 Page - Linear Technology

  LTM9002 Datasheet HTML 1Page - Linear Technology LTM9002 Datasheet HTML 2Page - Linear Technology LTM9002 Datasheet HTML 3Page - Linear Technology LTM9002 Datasheet HTML 4Page - Linear Technology LTM9002 Datasheet HTML 5Page - Linear Technology LTM9002 Datasheet HTML 6Page - Linear Technology LTM9002 Datasheet HTML 7Page - Linear Technology LTM9002 Datasheet HTML 8Page - Linear Technology LTM9002 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
2271f
LTC2271
APPLICATIONS
n Low Power Instrumentation
n Software-Defined Radios
n Portable Medical Imaging
n Multi-Channel Data Acquisition
TYPICAL APPLICATION
DESCRIPTION
16-Bit, 20Msps
Serial Low Noise Dual ADC
The LTC
®2271 is a 2-channel, simultaneous sampling
16-bit A/D converter designed for digitizing high frequency,
wide dynamic range signals. It is perfect for demanding
communications applications with AC performance that
includes 84.1dB SNR and 99dB spurious free dynamic
range (SFDR).
DC specs include ±1LSB INL (typ), ±0.2LSB DNL (typ)
and no missing codes over temperature. The transition
noise is 1.44LSBRMS.
To minimize the number of data lines the digital outputs
are serial LVDS. Each channel outputs one bit, two bits or
four bits at a time. The LVDS drivers have optional internal
termination and adjustable output levels to ensure clean
signal integrity.
The ENC+ and ENC– inputs may be driven differentially or
single ended with a sine wave, PECL, LVDS, TTL or CMOS
inputs. An internal clock duty cycle stabilizer allows high
performance at full speed for a wide range of clock duty
cycles.
FEATURES
n 2-Channel Simultaneous Sampling ADC
n Serial LVDS Outputs: 1, 2 or 4 Bits per Channel
n 84.1dB SNR (46μVRMS Input Referred Noise)
n 99dB SFDR
n Low Power: 185mW Total
n 92mW per Channel
n Single 1.8V Supply
n Selectable Input Ranges: 1VP-P to 2.1VP-P
n 200MHz Full-Power Bandwidth S/H
n Shutdown and Nap Modes
n Serial SPI Port for Configuration
n Pin Compatible With
LTC2190: 16-Bit, 25Msps, 104mW
n 52-Lead (7mm × 8mm) QFN Package
16-BIT
ADC CORE
CH1
ANALOG
INPUT
CH2
ANALOG
INPUT
ENCODE
INPUT
S/H
16-BIT
ADC CORE
OUT1A
OUT1B
OUT1C
OUT1D
OUT2A
OUT2B
OUT2C
OUT2D
DATA CLOCK OUT
FRAME
S/H
DATA
SERIALIZER
PLL
OGND
2271 TA01
SERIALIZED
LVDS
OUTPUTS
GND
VDD
OVDD
1.8V
1.8V
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Integral Non-Linearity (INL)
OUTPUT CODE
0
–2.0
–1.5
–1.0
–0.5
0.5
0.0
1.0
1.5
2.0
16384
32768
49152
65536
2271 TA02


Similar Part No. - LTM9002

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9002 LINER-LTM9002 Datasheet
354Kb / 28P
14-Bit Dual-Channel IF/Baseband Receiver Subsystem
LTM9002 LINER-LTM9002 Datasheet
455Kb / 36P
14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTM9002 LINER-LTM9002 Datasheet
644Kb / 34P
Dual 14-Bit 250Msps
LTM9002 LINER-LTM9002 Datasheet
520Kb / 32P
16-Bit, 20Msps Low Power ADC
LTM9002 LINER-LTM9002 Datasheet
608Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
More results

Similar Description - LTM9002

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
LTC2270 LINER-LTC2270 Datasheet
584Kb / 36P
16-Bit, 20Msps Low Noise Dual ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
16-Bit, 20Msps Low Noise ADC
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
LTC2271 LINER-LTC2271_15 Datasheet
405Kb / 24P
16-Bit, 20Msps Serial Low Noise Dual ADC
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
16-Bit, 20Msps Low Power ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
16-Bit, 20Msps Low Noise ADC
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
16-Bit, 20Msps Low Noise Dual ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com