Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1365 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1365
Description  90MHz, 2200V/關s 30V Low Power Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1365 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1365 Datasheet HTML 2Page - Linear Technology LT1365 Datasheet HTML 3Page - Linear Technology LT1365 Datasheet HTML 4Page - Linear Technology LT1365 Datasheet HTML 5Page - Linear Technology LT1365 Datasheet HTML 6Page - Linear Technology LT1365 Datasheet HTML 7Page - Linear Technology LT1365 Datasheet HTML 8Page - Linear Technology LT1365 Datasheet HTML 9Page - Linear Technology LT1365 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT6274/LT6275
6
6275fa
For more information www.linear.com/LT6275
TYPICAL PERFORMANCE CHARACTERISTICS
Settling Time vs Output Step
Output Short-Circuit Current
vs Temperature
Output Short-Circuit Current
vs Temperature
Input Noise Spectral Density
0.1Hz to 10Hz
Input Voltage Noise
Output Voltage Swing
vs Resistive Load
Output Voltage Swing
vs Supply Voltage
Output Voltage Swing
vs Load Current
Output Voltage Swing
vs Load Current
VS = ±5V
VIN = ±20mV
TA = 25°C
LOAD RESISTANCE (Ω)
10
100
1k
10k
100k
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
6275 G10
RL = 1k
RL = 1k
RL = 500Ω
RL = 500Ω
VIN = ±20mV
TOTAL SUPPLY VOLTAGE (V)
0
5
10
15
20
25
30
35
V–
1
2
3
–3
–2
–1
V+
6275 G11
TA = ±25°C
VS = ±15V
VIN = ±20mV
125°C
125°C
–40°C
–40°C
25°C
25°C
OUTPUT CURRENT (mA)
–50 –40 –30 –20 –10 0 10 20 30 40 50
V–
1
2
3
–3
–2
–1
V+
6275 G12
VS = ±5V
VIN = ±20mV
125°C
125°C
–40°C
–40°C
25°C
25°C
OUTPUT CURRENT (mA)
–50 –40 –30 –20 –10 0 10 20 30 40 50
V–
1
2
3
–3
–2
–1
V+
6275 G13
VS = ±15V
VIN = ±3V
SOURCE
SINK
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
60
70
80
90
100
110
6275 G14
VS = ±5V
VIN = ±3V
SOURCE
SINK
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
50
60
70
80
90
100
6275 G15
en
in
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1
10
100
1k
0.1
1
10
100
6275 G16
VS = ±15V
VS = ±15V
TIME (1s/DIV)
6275 G17
VS = ±15V
AV = 1
RL = 2k
0.1%
1%
OUTPUT STEP (V)
2
4
6
8
10
0
50
100
150
200
250
6275 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com