Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM9002 Datasheet(PDF) 25 Page - Linear Technology

Part # LTM9002
Description  Dual 12-Bit 310Msps ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 20Page - Linear Technology LTM9002 Datasheet HTML 21Page - Linear Technology LTM9002 Datasheet HTML 22Page - Linear Technology LTM9002 Datasheet HTML 23Page - Linear Technology LTM9002 Datasheet HTML 24Page - Linear Technology LTM9002 Datasheet HTML 25Page - Linear Technology LTM9002 Datasheet HTML 26Page - Linear Technology LTM9002 Datasheet HTML 27Page - Linear Technology LTM9002 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
215812fa
LTC2158-12
For more information www.linear.com/LTC2158-12
TYPICAL APPLICATIONS
2158-12 Schematic
LTC2158-12
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
65
VDD
VDD
GND
AINA+
AINA–
GND
SENSE
VREF
GND
VCM
GND
AINB–
AINB+
GND
VDD
VDD
GND
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
OGND
DA2_3+
DA2_3–
DA0_1+
DA0_1–
NC
NC
CLKOUT+
CLKOUT–
DB10_11+
DB10_11–
DB8_9+
DB8_9–
DB6_7+
DB6_7–
OGND
DA2_3+
DA2_3–
DA0_1+
DA0_1–
CLKOUT+
CLKOUT–
DB10_11+
DB10_11–
DB8_9+
DB8_9–
DB6_7+
DB6_7–
PAR/SER
SDO
SDI
SCK
CD
DA10_11+
DA10_11–
DA8_9+
DA8_9–
DA6_7+
DA6_7–
DA4_5+
DA4_5–
VDD
C13, 0.1µF
C11
0.1µF
C12
0.1µF
C7
0.1µF
C5
0.1µF
DB4_5+
DB2_5–
DB2_3+
DB2_3–
DB4_1+
DB4_1–
OF+
OF–
VDD
C14
0.1µF
ENC+
ENC–
C78
0.1µF
C798
0.1µF
R56
10
215812 TA09
R33
10
VDD
R34
10
AINA–
AINA+
C15
0.1µF
R8
100
C29
0.1µF
C24, 2.2µF
AINB–
AINB+
R6
10
R7
10
R12
100
OVDD
OVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com