Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1806 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1806
Description  16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1806 Datasheet(HTML) 3 Page - Linear Technology

  LT1806 Datasheet HTML 1Page - Linear Technology LT1806 Datasheet HTML 2Page - Linear Technology LT1806 Datasheet HTML 3Page - Linear Technology LT1806 Datasheet HTML 4Page - Linear Technology LT1806 Datasheet HTML 5Page - Linear Technology LT1806 Datasheet HTML 6Page - Linear Technology LT1806 Datasheet HTML 7Page - Linear Technology LT1806 Datasheet HTML 8Page - Linear Technology LT1806 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTC2311-16
3
231116fa
For more information www.linear.com/LTC2311-16
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN+
Absolute Input Range (AIN+)
(Note 5)
l
0
VDD
V
VIN–
Absolute Input Range (AIN–)
(Note 5)
l
0
VDD
V
VIN+ – VIN– Input Differential Voltage Range
VIN = VIN+ – VIN–
l
–REFOUT
REFOUT
V
VCM
Common Mode Input Range
VCM = (VIN+ + VIN–)/2
l
0
VDD
V
IIN
Analog Input DC Leakage Current
l
–1
1
µA
CIN
Analog Input Capacitance
10
pF
CMRR
Input Common Mode Rejection Ratio
fIN = 2.2MHz
85
dB
VIHCNV
CNV High Level Input Voltage
l
1.3
V
VILCNV
CNV Low Level Input Voltage
l
0.5
V
VINCNV
CNV Input Current
VIN = 0V to VDD
l
–10
10
µA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 4).
CONVERTER CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
l
16
Bits
No Missing Codes
l
16
Bits
Transition Noise
1.7
LSBRMS
INL
Integral Linearity Error
(Note 6)
l
–8
±3
8
LSB
DNL
Differential Linearity Error
l
–0.99
±0.4
0.99
LSB
BZE
Bipolar Zero-Scale Error
(Note 7)
l
–12
0
12
LSB
Bipolar Zero-Scale Error Drift
0.01
LSB/°C
FSE
Bipolar Full-Scale Error
VREFOUT = 4.096V (REFIN Grounded) (Note 7)
l
–30
±10
30
LSB
Bipolar Full-Scale Error Drift
VREFOUT = 4.096V (REFIN Grounded)
15
ppm/°C
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com