Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6200 Datasheet(PDF) 13 Page - Linear Technology

Part # LT6200
Description  16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6200 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT6200 Datasheet HTML 9Page - Linear Technology LT6200 Datasheet HTML 10Page - Linear Technology LT6200 Datasheet HTML 11Page - Linear Technology LT6200 Datasheet HTML 12Page - Linear Technology LT6200 Datasheet HTML 13Page - Linear Technology LT6200 Datasheet HTML 14Page - Linear Technology LT6200 Datasheet HTML 15Page - Linear Technology LT6200 Datasheet HTML 16Page - Linear Technology LT6200 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTC2311-16
13
231116fa
For more information www.linear.com/LTC2311-16
APPLICATIONS INFORMATION
OVERVIEW
The LTC2311-16 is a low noise, high speed 16-bit succes-
sive approximation register (SAR) ADC with differential
inputs and a wide input common mode range. Operating
from a single 3.3V or 5V supply, the LTC2311-16 has an
8VP-P differential input range, making it ideal for applica-
tionswhichrequireawidedynamicrange.The LTC2311-16
achieves ±3LSB INL typical, no missing codes at 16 bits
and 81dB SNR typical.
The LTC2311-16 has an onboard reference buffer and low
drift (20ppm/°C max) 4.096V temperature-compensated
reference. The LTC2311-16 also has a high speed SPI-
compatible serial interface that supports CMOS or LVDS.
The fast 5Msps throughput with one-cycle latency makes
the LTC2311-16 ideally suited for a wide variety of high
speedapplications.TheLTC2311-16dissipatesonly50mW
operating at a 5V supply. Nap and sleep modes are also
providedtoreducethepowerconsumptionoftheLTC2311-
16 during inactive periods for further power savings.
CONVERTER OPERATION
The LTC2311-16 operates in two phases. During the
acquisition phase, the sample capacitor is connected to
the analog input pins AIN+ and AIN– to sample the dif-
ferential analog input voltage, as shown in Figure 3. A
falling edge on the CNV pin initiates a conversion. Dur-
ing the conversion phase, the 16-bit CDAC is sequenced
through a successive approximation algorithm for each
input SCK pulse, effectively comparing the sampled input
with binary-weighted fractions of the reference voltage
(e.g., VREFOUT/2, VREFOUT/4 … VREFOUT/65536) using a
differentialcomparator.Attheendofconversion,theCDAC
output approximates the sampled analog input. The ADC
control logic then prepares the 16-bit digital output code
for serial transfer.
TRANSFER FUNCTION
The LTC2311-16 digitizes the full-scale voltage of 2 ×
REFOUT into 216 levels, resulting in an LSB size of
125µV with REFOUT = 4.096V. The ideal transfer function
is shown in Figure 2. The output data is in 2’s comple-
ment format.
Analog Input
The differential inputs of the LTC2311-16 provide great
flexibility to convert a wide variety of analog signals with
no configuration required. The LTC2311-16 digitizes the
difference voltage between the AIN+ and AIN– pins while
supporting a wide common mode input range. The analog
input signals can have an arbitrary relationship to each
other, provided that they remain between VDD and GND.
The LTC2311-16 can also digitize more limited classes of
analog input signals such as pseudo-differential unipolar/
bipolarandfullydifferentialwithnoconfigurationrequired.
The analog inputs of the LTC2311-16 can be modeled
by the equivalent circuit shown in Figure 3. The back-to-
back diodes at the inputs form clamps that provide ESD
protection. In the acquisition phase, 10pF (CIN) from the
Figure 2. LTC2311-16 Transfer Function
Figure 3. The Equivalent Circuit for the Differential
Analog Input of the LTC2311-16
INPUT VOLTAGE (V)
–FSR/2
+FSR/2 – 1LSB
231116 F02
011...111
011...110
111...111
100...000
100...001
000...000
000...001
–1
LSB
FSR = +FS – –FS
1LSB = FSR/65535
0
1
LSB
RON
15
RON
15
BIAS
VOLTAGE
231116 F03
CIN
10pF
VDD
CIN
10pF
VDD
AIN–
AIN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com