Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAPE22 Datasheet(PDF) 3 Page - 3M Electronics

Part # TAPE22
Description  Heavy Duty Vinyl Electrical Tape 22
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TAPE22 Datasheet(HTML) 3 Page - 3M Electronics

  TAPE22 Datasheet HTML 1Page - 3M Electronics TAPE22 Datasheet HTML 2Page - 3M Electronics TAPE22 Datasheet HTML 3Page - 3M Electronics TAPE22 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Scotch® Heavy Duty Vinyl Electrical Tape 22
3 of 4
3M, Scotch and Scotchfil are trademarks of 3M Company.
3
Engineering/
Architectural
Specifications
Primary electrical insulation (branch wiring in wet or dry locations): All splices for
600-volt wire rated 80°C (176°F) and below shall be insulated with a minimum of two
half-lapped layers of Scotch
® Heavy Duty Vinyl Electrical Tape 22. All connectors
having irregular surfaces shall be padded with 3M™ Scotchfil™ Electrical Insulation
Putty or Scotch
® Linerless Rubber Splicing Tape 130C prior to insulating with this
tape.
Mechanical Protection (outer jacketing)
All rubber and thermoplastic insulating high voltage power cable tape splices and
repairs shall be over wrapped with at least two half-lapped layers of Scotch
® Tape 22.
Installation
Scotch
® Tape 22 shall be applied in half-lapped layers with sufficient tension to
produce a uniform wind (for most applications this tension will reduce the tape’s width
to approximately 5/8 of its original width). On pigtail splices, the tape shall be
wrapped beyond the end of the wires and then folded back, leaving a protective
cushion to resist cut-through. Wrap tape up-hill, taping from a smaller diameter
surface to a larger diameter surface. Apply the tape with no tension on the last wrap
to prevent flagging.
Availability
Please contact your local distributor; available from 3M.com/electrical [Where to Buy]
or call 1.800.245.3573.
Shelf Life & Storage
This product has a 5-year shelf life from date of manufacture when stored in a
humidity controlled storage (10°C/50ºF to 27°C/80ºF and <75% relative humidity).
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on information
believed to be reliable, but the accuracy or completeness is not guaranteed. Before using this product, you must
evaluate it and determine if it is suitable for your intended application. You assume all risks and liability associated
with such use. Any statements related to the product, which are not contained in 3M’s current publications, or any
contrary statements contained on your purchase order, shall have no force or effect unless expressly agreed upon,
in writing, by an authorized officer of 3M.
Warranty; Limited Remedy;
Limited Liability
This product will be free from defects in material and manufacture at the time of purchase. 3M MAKES NO OTHER
WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR
FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the warranty period stated above,
your exclusive remedy shall be, at 3M’s option, to replace or repair the 3M product or refund the purchase price of
the 3M product. Except where prohibited by law, 3M will not be liable for any indirect, special, incidental or
consequential loss or damage arising from this 3M product, regardless of the legal theory asserted.
Electrical Markets Division
6801 River Place Blvd.
Austin, TX 78726-9000
800.245.3573
FAX: 800.245.0329
www.3M.com/electrical
Please recycle
© 3M 2015 All rights reserved
78-8124-4842-7 Rev D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com