Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAPE88 Datasheet(PDF) 2 Page - 3M Electronics

Part # TAPE88
Description  Vinyl Electrical Tape Super 88
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TAPE88 Datasheet(HTML) 2 Page - 3M Electronics

  TAPE88 Datasheet HTML 1Page - 3M Electronics TAPE88 Datasheet HTML 2Page - 3M Electronics TAPE88 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Scotch® Vinyl Electrical Tape Super 88
2 of 3
Typical Properties
Not for specifications. Values are typical, not to be considered minimum or maximum.
Properties measured at room temperature 73°F (23°C) unless otherwise stated.
Physical Property
(Test Method ASTM D-1000*)
Typical Value
US units (metric)
Color
Black
Thickness*
8.5 mils (0,22 mm)
Adhesion to Steel*
22ºC (72ºF)
-18ºC (0ºF)
28 oz./in. (3,0 N/10 mm)
60 oz./in. (6,5 N/10 mm)
Adhesion to Backing*
22ºC (72ºF)
-18ºC (0ºF)
28 oz./in. (3,0 N/10 mm)
60 oz./in. (6,5 N/10 mm)
Breaking Strength*
22ºC (72ºF)
20 lbs./in. (35 N/10 mm)
Ultimate Elongation*
22ºC (72ºF)
-18ºC (0ºF)
250%
100%
Flagging*
< 0.1 in. (2,5 mm)
Telescoping
24 hrs. W 50ºC (120ºF)
< 0.1 in. (2,5 mm)
Flammability (Maximum)
UL 510
Pass
Electrical Property
(Test Method ASTM D-1000*)
Typical Value
US units (metric)
Dielectric Breakdown*
Standard condition
High Humidity Condition
10,000 volts
90% of Standard
Insulation Resistance*
(High Humidity Method)
> 1x 10
6 Megohms
Product
Specifications
Scotch
® Vinyl Electrical Tape Super 88 is based on polyvinyl chloride (PVC) and/or its
copolymers, and has a rubber-based, pressure-sensitive adhesive. The tape shall be
8.5 mils thick, and be UL Listed and marked per UL Standard 510 as “Flame-
Retardant and Cold Resistant.” The tape must be applied at temperatures ranging
from 0°F through 100°F (-18°C through 38°C), without loss of physical properties. It
shall be compatible with synthetic cable insulations, jackets and splicing compounds.
Scotch
® Tape Super 88 will remain stable and will not telescope more than 0.1 inches
when maintained at temperatures below 120°F (50°C).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com