Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2668 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2668
Description  16-Channel 16-/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2668 Datasheet(HTML) 2 Page - Linear Technology

  LTC2668 Datasheet HTML 1Page - Linear Technology LTC2668 Datasheet HTML 2Page - Linear Technology LTC2668 Datasheet HTML 3Page - Linear Technology LTC2668 Datasheet HTML 4Page - Linear Technology LTC2668 Datasheet HTML 5Page - Linear Technology LTC2668 Datasheet HTML 6Page - Linear Technology LTC2668 Datasheet HTML 7Page - Linear Technology LTC2668 Datasheet HTML 8Page - Linear Technology LTC2668 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC2668
2
2668fa
For more information www.linear.com/LTC2668
pin conFiguration
aBsolute maximum ratings
Analog Supply Voltage (AVP)....................... –0.3V to 6V
Digital I/O Voltage (OVP).............................. –0.3V to 6V
REFLO....................................................... –0.3V to 0.3V
V+............................................................ –0.3V to 16.5V
V–.. ..........................................................–16.5V to 0.3V
CS/LD, SCK, SDI, LDAC, CLR, TGP .............. –0.3V to 6V
MSP0, MSP1, MSP2 ....... –0.3V to Min (AVP + 0.3V, 6V)
VOUT0 to VOUT15, MUX...V–– 0.3V to V++ 0.3V (Max ±16.5V)
REF, REFCOMP ............... –0.3V to Min (AVP + 0.3V, 6V)
SDO ................................–0.3V to Min (OVP + 0.3V, 6V)
OVRTMP....................................................... –0.3V to 6V
Operating Temperature Range
LTC2668C................................................ 0°C to 70°C
LTC2668I .............................................–40°C to 85°C
LTC2668H.......................................... –40°C to 125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
VOUT15
VOUT14
VOUT13
VOUT12
VOUT11
VOUT10
VOUT9
VOUT8
OVP
CLR
39
40
38 37 36 35 34 33 32 31
11
20
12 13 14 15
TOP VIEW
41
V–
UJ PACKAGE
40-LEAD (6mm × 6mm) PLASTIC QFN
16 17 18 19
22
23
24
25
26
27
28
29
9
8
7
6
5
4
3
2
MSP2
VOUT0
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VOUT6
VOUT7
V+
21
30
10
1
TJMAX = 150°C, θJA = 33°C/W, θJC = 2°C/W
EXPOSED PAD IS V–, MUST BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com