Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2633 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2633
Description  Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2633 Datasheet(HTML) 2 Page - Linear Technology

  LTC2633 Datasheet HTML 1Page - Linear Technology LTC2633 Datasheet HTML 2Page - Linear Technology LTC2633 Datasheet HTML 3Page - Linear Technology LTC2633 Datasheet HTML 4Page - Linear Technology LTC2633 Datasheet HTML 5Page - Linear Technology LTC2633 Datasheet HTML 6Page - Linear Technology LTC2633 Datasheet HTML 7Page - Linear Technology LTC2633 Datasheet HTML 8Page - Linear Technology LTC2633 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC2644
2
2644fa
For more information www.linear.com/LTC2644
pin conFiguraTion
absoluTe MaxiMuM raTings
(Notes 1, 2)
1
2
3
4
5
6
VCC
VOUTA
VOUTB
IDLSEL
IOVCC
GND
12
11
10
9
8
7
GND
REFSEL
REF
INA
INB
PD
TOP VIEW
MS PACKAGE
12-LEAD PLASTIC MSOP
(4mm
× 4.9mm)
TJMAX = 150°C, θJA = 135°C/W
Supply Voltages (VCC, IOVCC) ...................... –0.3V to 6V
INA, INB........................................................ –0.3V to 6V
IDLSEL, PD, REFSEL.................................... –0.3V to 6V
VOUTA, VOUTB ...................–0.3V to Min (VCC + 0.3V, 6V)
REF ..................................–0.3V to Min (VCC + 0.3V, 6V)
Operating Temperature Range
LTC2644C................................................ 0°C to 70°C
LTC2644I .............................................–40°C to 85°C
LTC2644H.......................................... –40°C to 125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com