Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1609 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1609
Description  16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1609 Datasheet(HTML) 2 Page - Linear Technology

  LTC1609 Datasheet HTML 1Page - Linear Technology LTC1609 Datasheet HTML 2Page - Linear Technology LTC1609 Datasheet HTML 3Page - Linear Technology LTC1609 Datasheet HTML 4Page - Linear Technology LTC1609 Datasheet HTML 5Page - Linear Technology LTC1609 Datasheet HTML 6Page - Linear Technology LTC1609 Datasheet HTML 7Page - Linear Technology LTC1609 Datasheet HTML 8Page - Linear Technology LTC1609 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LTC2335-16
2
233516f
For more information www.linear.com/LTC2335-16
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltage (VCC) .....................–0.3V to (VEE + 40V)
Supply Voltage (VEE)................................ –17.4V to 0.3V
Supply Voltage Difference (VCC – VEE)......................40V
Supply Voltage (VDD)..................................................6V
Supply Voltage (OVDD)................................................6V
Internal Regulated Supply Bypass (VDDLBYP) ... (Note 3)
Analog Input Voltage
IN0+ to IN7+,
IN0– to IN7– (Note 4) .........(VEE – 0.3V) to (VCC + 0.3V)
REFIN.................................................... –0.3V to 2.8V
REFBUF, CNV (Note 5) ............. –0.3V to (VDD + 0.3V)
Digital Input Voltage (Note 5)..... –0.3V to (OVDD + 0.3V)
Digital Output Voltage (Note 5).. –0.3V to (OVDD + 0.3V)
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC2335C................................................ 0°C to 70°C
LTC2335I .............................................–40°C to 85°C
LTC2335H.......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
IN6–
IN6+
IN5–
IN5+
IN4–
IN4+
IN3–
IN3+
IN2–
IN2+
IN1–
IN1+
SCKO+/SCKO
OVDD
GND
SCKI–/SCKI
SCKI+
SDI–
SDI+
GND
GND
SDO–
SDO+
SCKO–/SDO
TOP VIEW
LX PACKAGE
48-LEAD (7mm
× 7mm) PLASTIC LQFP
TJMAX = 150°C, θJA = 53°C/W
orDer inForMaTion
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2335CLX-16#PBF
LTC2335CLX-16#PBF
LTC2335LX-16
48-Lead (7mm × 7mm) Plastic LQFP
0°C to 70°C
LTC2335ILX-16#PBF
LTC2335ILX-16#PBF
LTC2335LX-16
48-Lead (7mm × 7mm) Plastic LQFP
–40°C to 85°C
LTC2335HLX-16#PBF
LTC2335HLX-16#PBF
LTC2335LX-16
48-Lead (7mm × 7mm) Plastic LQFP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com