Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3375 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3375
Description  Power Management Solution for Application Processors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3375 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3375 Datasheet HTML 16Page - Linear Technology LTC3375 Datasheet HTML 17Page - Linear Technology LTC3375 Datasheet HTML 18Page - Linear Technology LTC3375 Datasheet HTML 19Page - Linear Technology LTC3375 Datasheet HTML 20Page - Linear Technology LTC3375 Datasheet HTML 21Page - Linear Technology LTC3375 Datasheet HTML 22Page - Linear Technology LTC3375 Datasheet HTML 23Page - Linear Technology LTC3375 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
LTC3676/LTC3676-1
20
3676ff
For more information www.linear.com/LTC3676
operaTion
Table 8. Buck1, Buck2, Buck3, and Buck4 Slewing DAC Control
Command Registers
COMMAND
REGISTER[BIT]
VALUE SETTING
DVB1A[4:0]
bbbbb Buck1 Reference DAC Input A
DVB1A[5]
0*
1
Select DVB1A[4:0]
Select DVB1B[4:0]
DVB1B[4:0]
bbbbb Buck1 Reference DAC Input B
DVB1B[5]
0*
1
Pull PGOOD Low Slewing Buck1
Do Not Pull PGOOD Slewing Buck1
DVB2A[4:0]
bbbbb Buck2 Reference DAC Input A
DVB2A[5]
0*
1
Select DVB2A[4:0]
Select DVB2B[4:0]
DVB2B[4:0]
bbbbb Buck2 Reference DAC Input B
DVB2B[5]
0*
1
Pull PGOOD Low Slewing Buck2
Do Not Pull PGOOD Slewing Buck2
DVB3A[4:0]
bbbbb Buck3 Reference DAC Input A
DVB3A[5]
0*
1
Select DVB3A[4:0]
Select DVB3B[4:0]
DVB3B[4:0]
bbbbb Buck3 Reference DAC Input B
DVB3B[5]
0*
1
Pull PGOOD Low Slewing Buck3
Do Not Pull PGOOD Slewing Buck3
DVB4A[4:0]
bbbbb Buck4 Reference DAC Input A
DVB4A[5]
0*
1
Select DVB4A[4:0]
Select DVB4B[4:0]
DVB4B[4:0]
bbbbb Buck4 Reference DAC Input B
DVB4B[5]
0*
1
Pull PGOOD Low Slewing Buck4
Do Not Pull PGOOD Slewing Buck4
*denotes default power-on value.
PUSHBUTTON OPERATION
Operating Mode State Diagram
Figure 6 shows the state diagram of the LTC3676 enable
and sequence controller. First application of power to
VIN pin brings the controller to the power-on reset/hard
reset (POR/HRST) state. In this state the I2C command
registers have been set to their default values, only LDO1
is operating, and the device is waiting for pushbutton or
PWR_ON inputs. Regulator enable pins and command
register enable bits are ignored in POR/HRST state. In the
POR/HRST state VIN draws typically 12µA.
Power Up Using Pushbutton
When the ON pin is held low for 400ms the WAKE pin is
pulledhigh,enablepinsarerecognized,andthefivesecond
PWR_ON timer is started. If in the ON state and PWR_ON
is low or a fault is detected, then WAKE is brought low and
after a 1 second power-down time, the STANDBY state
is entered. In STANDBY, the enable bits in the command
registers are cleared and enable pins are ignored. Table 9
shows the control of command registers, enables, and
WAKE at each state.
The 5 second power-on state is intended for the system to
detectthatpowerrailsarecorrectandeitherdrivePWR_ON
pin high or set command register bit CNTRL[7] high to
keep the rails active. If there were a system level problem
Figure 6. LTC3676 Operating Mode State Diagram
ENABLE
ALLOWED AND
WAKE HIGH
ENABLE
INHIBITED AND
WAKE LOW
POR/HRST
VIN HIGH
ON 400ms
OR PWR_ON
ON 10 SEC
OR I2C HRST
ON 400ms
OR PWR_ON
PWR_ON
OR FAULT
ON 10 SEC
OR I2C HRST
ON 10 SEC
OR I2C HRST
1 SEC OFF
TIMER
HRST
3676 F06
1 SEC OFF
TIMER
STANDBY
5 SEC
PWR_ON
TIMER
ON
STANDBY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com