Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1469 Datasheet(PDF) 26 Page - Linear Technology

Part # LT1469
Description  16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1469 Datasheet(HTML) 26 Page - Linear Technology

Back Button LT1469 Datasheet HTML 18Page - Linear Technology LT1469 Datasheet HTML 19Page - Linear Technology LT1469 Datasheet HTML 20Page - Linear Technology LT1469 Datasheet HTML 21Page - Linear Technology LT1469 Datasheet HTML 22Page - Linear Technology LT1469 Datasheet HTML 23Page - Linear Technology LT1469 Datasheet HTML 24Page - Linear Technology LT1469 Datasheet HTML 25Page - Linear Technology LT1469 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LTC2326-16
26
232616fa
For more information www.linear.com/LTC2326-16
LINEAR TECHNOLOGY CORPORATION 2014
LT 0716 REV A • PRINTED IN USA
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC2326-16
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
ADCs
LTC2338-18/LTC2337-18/
LTC2336-18
18-Bit, 1Msps/500ksps/250ksps Serial,
Low Power ADC
5V Supply, ±10.24V True Bipolar, Differential Input, 100dB SNR, Pin-Compatible
Family in MSOP-16 Package
LTC2328-18/LTC2327-18/
LTC2326-18
18-Bit, 1Msps/500ksps/250ksps Serial,
Low Power ADC
5V Supply, ±10.24V True Bipolar, Pseudo-Differential Input, 95dB SNR,
Pin-Compatible Family in MSOP-16 Package
LTC2378-20/LTC2377-20/
LTC2376-20
20-Bit, 1Msps/500ksps/250ksps Serial,
Low Power ADC
2.5V Supply, Differential Input, 0.5ppm INL, ±5V Input Range, DGC, Pin-
Compatible Family in MSOP-16 and 4mm × 3mm DFN-16 Packages
LTC2379-18/LTC2378-18/
LTC2377-18/LTC2376-18
18-Bit, 1.6Msps/1Msps/500ksps/250ksps
Serial, Low Power ADC
2.5V Supply, Differential Input, 101.2dB SNR, ±5V Input Range, DGC,
Pin-Compatible Family in MSOP-16 and 4mm × 3mm DFN-16 Packages
LTC2380-16/LTC2378-16/
LTC2377-16/LTC2376-16
16-Bit, 2Msps/1Msps/500ksps/250ksps
Serial, Low Power ADC
2.5V Supply, Differential Input, 96.2dB SNR, ±5V Input Range, DGC,
Pin-Compatible Family in MSOP-16 and 4mm × 3mm DFN-16 Packages
LTC2369-18/LTC2368-18/
LTC2367-18/LTC2364-18
18-Bit, 1.6Msps/1Msps/500ksps/250ksps
Serial, Low Power ADC
2.5V Supply, Pseudo-Differential Unipolar Input, 96.5dB SNR, 0V to 5V Input
Range, Pin-Compatible Family in MSOP-16 and 4mm × 3mm DFN-16 Packages
LTC2370-16/LTC2368-16/
LTC2367-16/LTC2364-16
16-Bit, 2Msps/1Msps/500ksps/250ksps
Serial, Low Power ADC
2.5V Supply, Pseudo-Differential Unipolar Input, 94dB SNR, 0V to 5V Input
Range, Pin-Compatible Family in MSOP-16 and 4mm × 3mm DFN-16 Packages
LTC2389-18/LTC2389-16 18-Bit/16-Bit, 2.5Msps Parallel/Serial ADC
5V Supply, Pin-Configurable Input Range, 99.8dB/96dB SNR, Parallel or Serial
I/O 7mm × 7mm LQFP-48 and QFN-48 Packages
DACs
LTC2756/LTC2757
18-Bit, Single Serial/Parallel IOUT SoftSpan™
DAC
±1LSB INL/DNL, Software-Selectable Ranges, SSOP-28/7mm × 7mm LQFP-48
Package
LTC2641
16-Bit/14-Bit/12-Bit Single Serial VOUT DAC ±1LSB INL /DNL, MSOP-8 Package, 0V to 5V Output
LTC2630
12-Bit/10-Bit/8-Bit Single VOUT DACs
±1LSB INL (12 Bits), Internal Reference, SC70 6-Pin Package
References
LTC6655
Precision Low Drift Low Noise Buffered
Reference
5V/2.5V/2.048V/1.2V, 2ppm/°C, 0.25ppm Peak-to-Peak Noise, MSOP-8 Package
LTC6652
Precision Low Drift Low Noise Buffered
Reference
5V/2.5V/2.048V/1.2V, 5ppm/°C, 2.1ppm Peak-to-Peak Noise, MSOP-8 Package
Amplifiers
LT1468/LT1469
Single/Dual 90MHz, 22V/μs, 16-Bit Accurate
Op Amp
Low Input Offset: 75μV/125µV
LT1468 Configured to Buffer a ±10.24V Single-Ended Signal Into the LTC2326-16
232616 TA02
LTC2326-16
IN+
VDD
5V
IN–
–10.24V
+10.24V
47µF
REFBUF
–15V
15V
LT1468
100nF
REFIN
–
+
2
6
7
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com