Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1012 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1012
Description  Dual Serial 18-Bit SoftSpan IOUT DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012 Datasheet(HTML) 3 Page - Linear Technology

  LT1012 Datasheet HTML 1Page - Linear Technology LT1012 Datasheet HTML 2Page - Linear Technology LT1012 Datasheet HTML 3Page - Linear Technology LT1012 Datasheet HTML 4Page - Linear Technology LT1012 Datasheet HTML 5Page - Linear Technology LT1012 Datasheet HTML 6Page - Linear Technology LT1012 Datasheet HTML 7Page - Linear Technology LT1012 Datasheet HTML 8Page - Linear Technology LT1012 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC2758
3
2758fb
For more information www.linear.com/LTC2758
elecTrical characTerisTics V
DD = 5V, V(RINX) = 5V unless otherwise specified. The l denotes the
specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
LTC2758B
LTC2758A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Static Performance
Resolution
l
18
18
Bits
Monotonicity
l
18
18
Bits
DNL
Differential Nonlinearity
l
±1
±0.2
±1
LSB
INL
Integral Nonlinearity
l
±2
±0.5
±1
LSB
GE
Gain Error
All Output Ranges
l
±48
±6
±32
LSB
Gain Error Temperature Coefficient
∆Gain/∆Temp
±0.25
±0.25
ppm/°C
BZE
Bipolar Zero Error
All Bipolar Ranges
l
±36
±1
±24
LSB
Bipolar Zero Temperature Coefficient
±0.2
±0.2
ppm/°C
Unipolar Zero-Scale Error
Unipolar Ranges (Note 3)
l
±0.03
±3.2
±0.03
±3.2
LSB
PSR
Power Supply Rejection
VDD = 5V, ±10%
VDD = 3V, ±10%
l
l
±1.6
±4
±0.1
±0.3
±0.8
±2
LSB/V
LSB/V
ILKG
IOUT1 Leakage Current
TA = 25°C
TMIN to TMAX
l
±0.05
±2
±5
±0.05
±2
±5
nA
nA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Analog Pins
Reference Inverting Resistors
(Note 4)
l
16
20
kΩ
RREF
DAC Input Resistance
(Notes 5, 6)
l
8
10
kΩ
RFB
Feedback Resistors
(Note 6)
l
8
10
kΩ
ROFS
Bipolar Offset Resistors
(Note 6)
l
16
20
kΩ
RVOSADJ
Offset Adjust Resistors
l
1024
1280
kΩ
RGEADJ
Gain Adjust Resistors
l
2048
2560
kΩ
CIOUT1
Output Capacitance
Full-Scale
Zero-Scale
90
40
pF
Dynamic Performance
Output Settling Time
Span Code = 0000, 10V Step. To ±0.0004%
FS (Note 7)
2.1
μs
Glitch Impulse
VDD = 5V (Note 8)
VDD = 3V (Note 8)
2
0.4
nV•s
nV•s
Digital-to-Analog Glitch Impulse
VDD = 5V (Note 9)
VDD = 3V (Note 9)
2.6
0.6
nV•s
nV•s
Reference Multiplying BW
0V to 5V Range,
Code = Full Scale, –3dB Bandwidth
1
MHz
Multiplying Feedthrough Error
0V to 5V Range, VREF = ±10V, 10kHz
Sine Wave
0.4
mV
Analog Crosstalk
(Note 10)
–109
dB
THD
Total Harmonic Distortion
(Note 11) Multiplying
–110
dB
Output Noise Voltage Density
(Note 12) at IOUT1
13
nV/√Hz
VDD = 5V, V(RINX) = 5V unless otherwise specified. The l denotes specifications that apply over the full operating temperature range,
otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com