Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1355 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1355
Description  16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1355 Datasheet(HTML) 3 Page - Linear Technology

  LT1355 Datasheet HTML 1Page - Linear Technology LT1355 Datasheet HTML 2Page - Linear Technology LT1355 Datasheet HTML 3Page - Linear Technology LT1355 Datasheet HTML 4Page - Linear Technology LT1355 Datasheet HTML 5Page - Linear Technology LT1355 Datasheet HTML 6Page - Linear Technology LT1355 Datasheet HTML 7Page - Linear Technology LT1355 Datasheet HTML 8Page - Linear Technology LT1355 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
LTC2335-16
3
233516f
For more information www.linear.com/LTC2335-16
elecTrical characTerisTics
converTer characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN+
Absolute Input Range
(IN0+ to IN7+)
(Note 7)
l
VEE
VCC – 4
V
VIN–
Absolute Input Range
(IN0– to IN7–)
(Note 7)
l
VEE
VCC – 4
V
VIN+ – VIN– Input Differential Voltage
Range
SoftSpan 7: ±2.5 • VREFBUF Range (Note 7)
SoftSpan 6: ±2.5 • VREFBUF/1.024 Range (Note 7)
SoftSpan 5: 0V to 2.5 • VREFBUF Range (Note 7)
SoftSpan 4: 0V to 2.5 • VREFBUF/1.024 Range (Note 7)
SoftSpan 3: ±1.25 • VREFBUF Range (Note 7)
SoftSpan 2: ±1.25 • VREFBUF/1.024 Range (Note 7)
SoftSpan 1: 0V to 1.25 • VREFBUF Range (Note 7)
SoftSpan 0: 0V to 1.25 • VREFBUF/1.024 Range (Note 7)
l
l
l
l
l
l
l
l
–2.5 • VREFBUF
–2.5 • VREFBUF/1.024
0
0
–1.25 • VREFBUF
–1.25•VREFBUF/1.024
0
0
2.5 • VREFBUF
2.5 • VREFBUF/1.024
2.5 • VREFBUF
2.5 • VREFBUF/1.024
1.25 • VREFBUF
1.25 • VREFBUF/1.024
1.25 • VREFBUF
1.25 • VREFBUF/1.024
V
V
V
V
V
V
V
V
VCM
Input Common Mode Voltage
Range
(Note 7)
l
VEE
VCC – 4
V
VIN+ – VIN– Input Differential Overdrive
Tolerance
(Note 8)
l
−(VCC − VEE)
(VCC − VEE)
V
IIN
Analog Input Leakage Current
l
–1
1
µA
CIN
Analog Input Capacitance
Sample Mode
Hold Mode
50
10
pF
pF
CMRR
Input Common Mode
Rejection Ratio
VIN+ = VIN− = 18VP-P 200Hz Sine
l
100
118
dB
VIHCNV
CNV High Level Input Voltage
l
1.3
V
VILCNV
CNV Low Level Input Voltage
l
0.5
V
IINCNV
CNV Input Current
VIN = 0V to VDD
l
–10
10
μA
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
l
16
Bits
No Missing Codes
l
16
Bits
Transition Noise
SoftSpans 7 and 6: ±10.24V and ±10V Ranges
SoftSpans 5 and 4: 0V to 10.24V and 0V to 10V Ranges
SoftSpans 3 and 2: ±5.12V and ±5V Ranges
SoftSpans 1 and 0: 0V to 5.12V and 0V to 5V Ranges
0.33
0.65
0.5
1.0
LSBRMS
LSBRMS
LSBRMS
LSBRMS
INL
Integral Linearity Error
(Note 10)
l
–1
±0.3
1
LSB
DNL
Differential Linearity Error (Note 11)
l
−0.9
±0.2
0.9
LSB
ZSE
Zero-Scale Error
(Note 12)
l
−550
±160
550
μV
Zero-Scale Error Drift
±2
μV/°C
FSE
Full-Scale Error
(Note 12)
l
−0.1
±0.025
0.1
%FS
Full-Scale Error Drift
±2.5
ppm/°C
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 6)
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com