Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3586 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3586
Description  Power Management Solution for Application Processors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3586 Datasheet(HTML) 2 Page - Linear Technology

  LTC3586 Datasheet HTML 1Page - Linear Technology LTC3586 Datasheet HTML 2Page - Linear Technology LTC3586 Datasheet HTML 3Page - Linear Technology LTC3586 Datasheet HTML 4Page - Linear Technology LTC3586 Datasheet HTML 5Page - Linear Technology LTC3586 Datasheet HTML 6Page - Linear Technology LTC3586 Datasheet HTML 7Page - Linear Technology LTC3586 Datasheet HTML 8Page - Linear Technology LTC3586 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LTC3676/LTC3676-1
2
3676ff
For more information www.linear.com/LTC3676
pin conFiguraTion
absoluTe MaxiMuM raTings
VIN, DVDD, SW1, SW2, SW3, SW4............... –0.3V to 6V
SW1, SW2, SW3, SW4
(Transient t < 1µs, Duty Cycle < 5%)............... –2V to 7V
PVIN1, PVIN2, PVIN3, PVIN4, VIN_L2,
VIN_L3, VIN_L4 .................................. –0.3V to VIN + 0.3V
LDO1, FB_L1, LDO2, FB_L2, LDO3, LDO4, FB_L4,
FB_B1, FB_B2, FB_B3, FB_B4, PGOOD, VSTB, EN_B1,
EN_B2, EN_B3, EN_B4, EN_L2, EN_L3, EN_L4, ON,
(Note 1)
WAKE, RSTO, PWR_ON, IRQ, VTTR,
VDDQIN ....................................................... –0.3V to 6V
SDA, SCL ......................................–0.3V to DVDD + 0.3V
Operating Junction Temperature Range
(Notes 2, 3)............................................ –40°C to 150°C
Storage Temperature Range ......................–65 to 150°C
LTC3676
LTC3676-1
39
40
38 37 36 35 34 33 32 31
11
20
12 13 14 15
TOP VIEW
41
GND
UJ PACKAGE
40-LEAD (6mm
× 6mm) PLASTIC QFN
16 17 18 19
22
23
24
25
26
27
28
29
9
8
7
6
5
4
3
2
FB_L2
VIN_L2
LDO2
LDO3
VIN_L3
LDO4
VIN_L4
FB_L4
EN_L4
EN_L3
EN_L2
ON
LDO1
VIN
FB_L1
FB_B2
FB_B1
FB_B4
FB_B3
PWR_ON
21
30
10
1
TJMAX = 150°C, JA = 33°C/W, JC = 2°C/W
EXPOSED PAD (PIN 41) IS GND, MUST BE SOLDERED TO PCB
39
40
38 37 36 35 34 33 32 31
11
20
12 13 14 15
TOP VIEW
41
GND
UJ PACKAGE
40-LEAD (6mm
× 6mm) PLASTIC QFN
16 17 18 19
22
23
24
25
26
27
28
29
9
8
7
6
5
4
3
2
FB_L2
VIN_L2
LDO2
LDO3
VIN_L3
LDO4
VIN_L4
VDDQIN
VTTR
EN_L3
EN_L2
ON
LDO1
VIN
FB_L1
FB_B2
FB_B1
FB_B4
FB_B3
PWR_ON
21
30
10
1
TJMAX = 150°C, JA = 33°C/W, JC = 2°C/W
EXPOSED PAD (PIN 41) IS GND, MUST BE SOLDERED TO PCB
LTC3676
LTC3676-1
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
NC
FB_L2
VIN_L2
LDO2
LDO3
VIN_L3
LD04
VIN_L4
FB_L4
EN_L4
EN_L3
NC
NC
EN_L2
ON
LDO1
VIN
FB_L1
FB_B2
FB_B1
FB_B4
FB_B3
PWR_ON
NC
TOP VIEW
LXE PACKAGE
48-LEAD (7mm
× 7mm) PLASTIC LQFP
49
GND
TJMAX = 150°C, JA = 19°C/W, JC = 3°C/W
EXPOSED PAD (PIN 49) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
NC
FB_L2
VIN_L2
LDO2
LDO3
VIN_L3
LD04
VIN_L4
VDDQIN
VTTR
EN_L3
NC
NC
EN_L2
ON
LDO1
VIN
FB_L1
FB_B2
FB_B1
FB_B4
FB_B3
PWR_ON
NC
TOP VIEW
LXE PACKAGE
48-LEAD (7mm
× 7mm) PLASTIC LQFP
49
GND
TJMAX = 150°C, JA = 19°C/W, JC = 3°C/W
EXPOSED PAD (PIN 49) IS GND, MUST BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com