Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1355 Datasheet(PDF) 32 Page - Linear Technology

Part # LT1355
Description  18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1355 Datasheet(HTML) 32 Page - Linear Technology

Back Button LT1355 Datasheet HTML 28Page - Linear Technology LT1355 Datasheet HTML 29Page - Linear Technology LT1355 Datasheet HTML 30Page - Linear Technology LT1355 Datasheet HTML 31Page - Linear Technology LT1355 Datasheet HTML 32Page - Linear Technology LT1355 Datasheet HTML 33Page - Linear Technology LT1355 Datasheet HTML 34Page - Linear Technology LT1355 Datasheet HTML 35Page - Linear Technology LT1355 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
LTC2335-18
32
233518f
For more information www.linear.com/LTC2335-18
applicaTions inForMaTion
New data transaction windows open 10ms after power-
ing up or resetting the LTC2335-18, and at the end of
each conversion on the falling edge of BUSY. The data
transaction should be completed with a minimum tQUIET
time of 20ns prior to the start of the next conversion, as
shown in Figure 17. New control words are only accepted
within this recommended data transaction window, but
configuration changes take effect immediately with no ad-
ditional analog input settling time required before starting
the next conversion.
Just prior to the falling edge of BUSY and the opening of
a new data transaction window, SCKO is forced low and
SDO is updated with the latest conversion result from the
just-completed conversion. Rising edges on SCKI serially
clock the conversion result and analog input channel con-
figuration information out on SDO and trigger transitions
on SCKO that are skew-matched to the data on SDO. The
resulting SCKO frequency is half that of SCKI.
SCKI rising edges also latch control words provided on
SDI, which are used to set the SoftSpan range and chan-
nel for the next conversion, and program the sequencer.
See the section Configuring the Multiplexer and SoftSpan
Range for further details. SCKI is allowed to idle either
high or low in CMOS I/O mode. As shown in Figure 18,
the CMOS bus is enabled when CS is low and is disabled
and Hi-Z when CS is high, allowing the bus to be shared
across multiple devices.
ThedataonSDOareformattedasa24-bitpacketconsisting
ofan18-bitconversionresult,3-bitanalogchannelID,and
3-bitSoftSpancode,allpresentedMSBfirst.Assuggested
in Figures 17 and 18, if more than 24 SCKI clocks are
applied, the 24-bit packet is repeated indefinitely on SDO.
When interfacing the LTC2335-18 with a standard SPI
bus, capture output data at the receiver on rising edges
of SCKI. SCKO is not used in this case. In other applica-
tions, such as interfacing the LTC2335-18 with an FPGA
or CPLD, rising and falling edges of SCKO may be used
to capture serial output data on SDO in double data rate
(DDR) fashion. Capturing data using SCKO adds robust-
ness to delay variations over temperature and supply.
The LTC2335-18 guarantees a minimum data transfer
window(tACQ–tQUIET)of400nswhileconvertingat1Msps.
Thus, if an application needs to read the full 24-bit packet
of conversion result plus channel ID and SoftSpan, the
minimum usable SCKI frequency is 60MHz. Applications
needing to read only the conversion result may send only
18 SCKI pulses and thus have a minimum SCKI frequency
of45MHz.TheLTC2335-18supportsCMOSSCKIfrequen-
cies up to 100MHz.
Configuring the Multiplexer and SoftSpan Range in
CMOS I/O Mode
On power-up and after a reset, the LTC2335-18 defaults
to converting channels 0 through 7 sequentially, all in
SoftSpan 7. If this configuration does not need to be
changed, simply hold SDI low.
The LTC2335-18 multiplexer and SoftSpan range may
be controlled in two ways, depending on the needs of
the application. If the desired sequence of channels and
SoftSpan ranges are known ahead of time, the LTC2335-
18’s internal sequencer may be programmed with a se-
quence of up to 16 configurations, and will cycle through
those configurations on subsequent conversions without
further user intervention. Alternately, if ultimate flexibility
is desired, the LTC2335-18 may be directly controlled by
overwriting the sequencer each conversion with the chan-
nel and SoftSpan range for the following conversion. This
reconfiguration has no latency and requires no additional
settling time or digital I/O overhead.
Using the Sequencer
To use the internal sequencer of the LTC2335-18, first
program it as described below with the desired sequence
of up to 16 configurations. Each of these configurations
specifies the desired channel number and SoftSpan range
for one conversion. The LTC2335-18 will then apply the
first configuration to the first conversion, the second
configuration to the second conversion, and so on until
the end of the programmed sequence is reached, at which
point the cycle will start again from the beginning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com