Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1358 Datasheet(PDF) 29 Page - Linear Technology

Part # LT1358
Description  Octal, 18-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1358 Datasheet(HTML) 29 Page - Linear Technology

Back Button LT1358 Datasheet HTML 25Page - Linear Technology LT1358 Datasheet HTML 26Page - Linear Technology LT1358 Datasheet HTML 27Page - Linear Technology LT1358 Datasheet HTML 28Page - Linear Technology LT1358 Datasheet HTML 29Page - Linear Technology LT1358 Datasheet HTML 30Page - Linear Technology LT1358 Datasheet HTML 31Page - Linear Technology LT1358 Datasheet HTML 32Page - Linear Technology LT1358 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
LTC2348-18
29
234818fa
For more information www.linear.com/LTC2348-18
POWER CONSIDERATIONS
The LTC2348-18 requires four power supplies: the posi-
tive and negative high voltage power supplies (VCC and
VEE), the 5V core power supply (VDD) and the digital input/
output (I/O) interface power supply (OVDD). As long as
the voltage difference limits of 10V ≤ VCC – VEE ≤ 38V
are observed, VCC and VEE may be independently biased
anywhere within their own individual allowed operating
ranges, including the ability for either of the supplies to be
tied directly to ground. This feature enables the common
mode input range of the LTC2348-18 to be tailored to the
specificapplication’srequirements.TheflexibleOVDDsup-
ply allows the LTC2348-18 to communicate with CMOS
logic operating between 1.8V and 5V, including 2.5V and
3.3V systems. When using LVDS I/O mode, the range of
OVDD is 2.375V to 5.25V.
Power Supply Sequencing
The LTC2348-18 does not have any specific power supply
sequencing requirements. Care should be taken to adhere
to the maximum voltage relationships described in the
Absolute Maximum Ratings section. The LTC2348-18 has
an internal power-on-reset (POR) circuit which resets the
converter on initial power-up and whenever VDD drops
below 2V. Once the supply voltage re-enters the nominal
supply voltage range, the POR reinitializes the ADC. No
conversions should be initiated until at least 10ms after
a POR event to ensure the initialization period has ended.
Whenemployingtheinternalreferencebuffer,allow200ms
forthebuffertopowerupandrechargetheREFBUFbypass
capacitor. Any conversion initiated before these times will
produce invalid results.
TIMING AND CONTROL
CNV Timing
TheLTC2348-18samplingandconversioniscontrolledby
CNV. A rising edge on CNV transitions all channels’ S/H
circuits from track mode to hold mode, simultaneously
sampling the input signals on all channels and initiating
a conversion. Once a conversion has been started, it
cannot be terminated early except by resetting the ADC,
as discussed in the Reset Timing section. For optimum
performance, drive CNV with a clean, low jitter signal and
avoid transitions on data I/O lines leading up to the rising
edgeofCNV.Additionally,tominimizechannel-to-channel
crosstalk, avoid high slew rates on the analog inputs for
100ns before and after the rising edge of CNV. Converter
status is indicated by the BUSY output, which transitions
low-to-high at the start of each conversion and stays high
untiltheconversioniscomplete. OnceCNVisbroughthigh
to begin a conversion, it should be returned low between
40ns and 60ns later or after the falling edge of BUSY to
minimizeexternaldisturbancesduringtheinternalconver-
sion process. The CNV timing required to take advantage
of the reduced power nap mode of operation is described
in the Nap Mode section.
Internal Conversion Clock
The LTC2348-18 has an internal clock that is trimmed to
achieve a maximum conversion time of 550•N ns with N
channels enabled. With a minimum acquisition time of
570ns when converting eight channels simultaneously,
throughputperformanceof200kspsisguaranteedwithout
any external adjustments.
applicaTions inForMaTion
CNV
tCONV
tACQ
BUSY
NAP
NAP MODE
tCNVL
234818 F14
Figure 14. Nap Mode Timing for the LTC2348-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com