Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1921 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1921
Description  Negative Voltage Hot Swap Controllers in SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1921 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1921 Datasheet HTML 5Page - Linear Technology LTC1921 Datasheet HTML 6Page - Linear Technology LTC1921 Datasheet HTML 7Page - Linear Technology LTC1921 Datasheet HTML 8Page - Linear Technology LTC1921 Datasheet HTML 9Page - Linear Technology LTC1921 Datasheet HTML 10Page - Linear Technology LTC1921 Datasheet HTML 11Page - Linear Technology LTC1921 Datasheet HTML 12Page - Linear Technology LTC1921 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
4251b12f
LTC4251B/LTC4251B-1/
LTC4251B-2
OPERATION
Hot Circuit Insertion
When circuit boards are inserted into a live backplane, the
supply bypass capacitors can draw huge transient currents
from the power bus as they charge. The flow of current
damages the connector pins and glitches the power bus,
causing other boards in the system to reset. The LTC4251B/
LTC4251B-1/LTC4251B-2 are designed to turn on a circuit
board supply in a controlled manner, allowing insertion or
removal without glitches or connector damage.
Initial Start-Up
The LTC4251B/LTC4251B-1/LTC4251B-2 reside on a re-
movable circuit board and control the path between the
connector and load or power conversion circuitry with an
external MOSFET switch (see Figure 1). Both inrush control
and short-circuit protection are provided by the MOSFET.
A detailed schematic is shown in Figure 2. –48V and
–48RTN receive power through the longest connector pins,
and are the first to connect when the board is inserted.
The GATE pin holds the MOSFET off during this time. UV/
OV determines whether or not the MOSFET should be
turned on based upon internal, high accuracy thresholds
and an external divider. UV/OV does double duty by also
monitoring whether or not the connector is seated. The top
of the divider detects –48RTN by way of a short connector
pin that is the last to mate during the insertion sequence.
Interlock Conditions
A start-up sequence commences once five initial “interlock”
conditions are met:
1. The input voltage VIN exceeds 9.2V (VLKO)
2. The voltage at UV/OV falls within the range of VUVHI to
VOVLO (UV > VUVHI, LTC4251B-2)
3. The (SENSE – VEE) voltage is <50mV (VCB)
4. The voltage on the timer capacitor (CT) is less than 1V
(VTMRL)
5. GATE is less than 0.5V (VGATEL)
The first two conditions are continuously monitored and
the latter three are checked prior to initial timing or GATE
ramp-up. Upon exiting an OV condition, the TIMER pin
voltage requirement is inhibited. Details are described in
the Applications Information, Timing Waveforms section.
TIMER begins the start-up sequence by sourcing 5.8μA
into CT. If VIN or UV/OV falls out of range, the start-up
cycle stops and TIMER discharges CT to less than 1V,
then waits until the aforementioned conditions are once
again met. If CT successfully charges to 4V, TIMER pulls
low and GATE is released. GATE sources 58μA (IGATE),
charging the MOSFET gate and associated capacitance.
Note that for simplicity, the following assumptions are made in the text. Firstly, UV/OV also means the UV
pin of the LTC4251B-2. Secondly, all overvoltage conditions and references to OV, VOVHI and VOVLO do not apply to the LTC4251B-2 as
the OV comparator in this part is disabled.
Figure 1. Basic LTC4251B Hot Swap Topology
Figure 2. –48V, 2.5A Hot Swap Controller
4251b12 F01
LTC4251B
CLOAD
ISOLATED
DC/DC
CONVERTER
MODULE
LOW
VOLTAGE
CIRCUITRY
++
––
PLUG-IN BOARD
BACKPLANE
–48RTN
–48V
+
3
4
1
2
4251b12 F02
–48RTN
–48V
UV/OV
TIMER
VEE
VIN
SENSE
GATE
LTC4251B
R1
402k
1%
R2
32.4k
1%
CT
150nF
CC
18nF
RS
20m
Ω
Q1
IRF530S
RC
10
Ω
RIN
10k
500mW
C1
10nF
CIN
1μF
DIN
†
DDZ13B**
CL
100μF
TYP
LONG
LONG
SHORT
**DIODES, INC.
†RECOMMENDED FOR HARSH ENVIRONMENTS
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com