Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1355 Datasheet(PDF) 32 Page - Linear Technology

Part # LT1355
Description  Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1355 Datasheet(HTML) 32 Page - Linear Technology

Back Button LT1355 Datasheet HTML 28Page - Linear Technology LT1355 Datasheet HTML 29Page - Linear Technology LT1355 Datasheet HTML 30Page - Linear Technology LT1355 Datasheet HTML 31Page - Linear Technology LT1355 Datasheet HTML 32Page - Linear Technology LT1355 Datasheet HTML 33Page - Linear Technology LT1355 Datasheet HTML 34Page - Linear Technology LT1355 Datasheet HTML 35Page - Linear Technology LT1355 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
LTC2358-16
32
Rev A
For more information www.analog.com
Fewer Than Eight Lane Serial CMOS Output Data Capture
Applications that cannot accommodate the full eight lanes
of serial data capture may employ fewer lanes without
reconfiguring the LTC2358-16. For example, capturing
the first two packets (48 SCKI cycles total) from SDO0,
SDO2, SDO4, and SDO6 provides data for analog input
channels 0 and 1, 2 and 3, 4 and 5, and 6 and 7, respec-
tively, using four output lanes. Similarly, capturing the first
four packets (96 SCKI cycles total) from SDO0 and SDO4
provides data for analog input channels 0 to 3 and 4 to
7, respectively, using two output lanes. If only one lane
can be accommodated, capturing the first eight packets
(192 SCKI cycles total) from SDO0 provides data for all
analog input channels. As shown in Table 2, full 200ksps
per channel throughput can be achieved with a 90MHz
SCKI frequency in the four lane case, but the maximum
CMOS SCKI frequency of 100MHz limits the throughput
to less than 200ksps per channel in the two lane and one
lane cases. Finally, note that in choosing the number of
lanes and which lanes to use for data capture, the user is
notrestrictedtothespecificcasesmentionedabove.Other
choices may be more optimal in particular applications.
Programming the SoftSpan Configuration Register in
CMOS I/O Mode
The internal 24-bit SoftSpan configuration register con-
trols the SoftSpan range for all analog input channels of
the LTC2358-16. The default state of this register after
power-up or resetting the device is all ones, configuring
each channel to convert in SoftSpan 7, the ±2.5 • VREFBUF
range (see Table 1a). The state of this register may be
modifiedbyprovidinganew24-bitSoftSpanconfiguration
word on SDI during the data transaction window shown
in Figure 16. New SoftSpan configuration words are only
accepted within this recommended data transaction win-
dow, but SoftSpan changes take effect immediately with
no additional analog input settling time required before
starting the next conversion. Setting a channel’s SoftSpan
code to SS[2:0] = 000 immediately disables the channel,
resulting in a corresponding reduction in tCONVon the next
conversion.Similarly,enablingapreviouslydisabledchan-
nel requires no additional analog input settling time before
starting the next conversion. The mapping between the
serial SoftSpan configuration word, the internal SoftSpan
configuration register, and each channel’s 3-bit SoftSpan
code is illustrated in Figure 18.
APPLICATIONS INFORMATION
Table 2. Required SCKI Frequency to Achieve Various Throughputs in Common Output Bus Configurations with Eight Channels Enabled.
Shaded Entries Denote Throughputs That Are Not Achievable in a Given Configuration. Calculated Using fSCKI = (Number of SCKI
Cycles)/(tACQ(MIN) – tQUIET)
I/O MODE
NUMBER OF SDO
LANES
NUMBER OF SCKI
CYCLES
REQUIRED fSCKI (MHz) TO ACHIEVE THROUGHPUT OF
200ksps/CHANNEL
(tACQ = 570ns)
100ksps/CHANNEL
(tACQ = 5570ns)
50ksps/CHANNEL
(tACQ = 15570ns)
CMOS
8
16
30
3
2
8
24
45
5
2
4
48
90
9
4
2
96
Not Achievable
18
7
1
192
Not Achievable
35
13
LVDS
1
96
180 (360Mbps)
18 (36Mbps)
7 (14Mbps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com