Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4253B Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4253B
Description  Negative Voltage Hot Swap Controllers in SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253B Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4253B Datasheet HTML 6Page - Linear Technology LTC4253B Datasheet HTML 7Page - Linear Technology LTC4253B Datasheet HTML 8Page - Linear Technology LTC4253B Datasheet HTML 9Page - Linear Technology LTC4253B Datasheet HTML 10Page - Linear Technology LTC4253B Datasheet HTML 11Page - Linear Technology LTC4253B Datasheet HTML 12Page - Linear Technology LTC4253B Datasheet HTML 13Page - Linear Technology LTC4253B Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
4251b12f
LTC4251B/LTC4251B-1/
LTC4251B-2
Two modes of operation are possible during the time the
MOSFET is first turning on, depending on the values of
external components, MOSFET characteristics and nomi-
nal design current. One possibility is that the MOSFET
will turn on gradually so that the inrush into the load
capacitance remains a low value. The output will simply
ramp to –48V and the MOSFET will be fully enhanced.
A second possibility is that the load current exceeds the
current limit threshold of 100mV/RS. In this case, the
LTC4251B/LTC4251B-1/LTC4251B-2 will ramp the output
by sourcing 100mV/RS current into the load capacitance.
It is important to set the timer delay so that, regardless
of which start-up mode is used, the start-up time is less
than the TIMER delay time. If this condition is not met,
the LTC4251B/LTC4251B-1/LTC4251B-2 may shutdown
after one TIMER delay.
Board Removal
If the board is withdrawn from the card cage, the UV/OV
divider is the first to lose connection. This shuts off the
MOSFET and commutates the flow of current in the con-
nector. When the power pins subsequently separate, there
is no arcing.
Current Control
Three levels of protection handle short-circuit and over-
load conditions. Load current is monitored by SENSE and
resistor RS. There are three distinct thresholds at SENSE:
50mV for a timed circuit breaker function; 100mV for an
analog current limit loop; and 200mV for a fast, feedfor-
ward comparator which limits peak current in the event
of a catastrophic short-circuit.
If, owing to an output overload, the voltage drop across RS
exceeds 50mV, TIMER sources 230μA into CT.CTeventually
charges to a 4V threshold and the LTC4251B/LTC4251B-1/
LTC4251B-2 latchoff. If the overload goes away and SENSE
measures less than 50mV, CT slowly discharges (5.8μA).
OPERATION
In this way the circuit breaker function will also respond
to low duty cycle overloads, and accounts for fast heating
and slow cooling characteristic of the MOSFET.
Higher overloads are handled by an analog current limit
loop. If the drop across RS reaches 100mV, the current
limiting loop servos the MOSFET gate and maintains a
constant output current of 100mV/RS. Note that because
SENSE > 50mV, TIMER charges CT during this time and
the LTC4251B/LTC4251B-1/LTC4251B-2 will eventually
shut down.
Low impedance failures on the load side of the LTC4251B/
LTC4251B-1/LTC4251B-2 coupled with 48V or more driving
potential can produce current slew rates well in excess of
50A/μs. Under these conditions, overshoot is inevitable. A
fast SENSE comparator with a threshold of 200mV detects
overshoot and pulls GATE low much harder and hence
much faster than can the weaker current limit loop. The
100mV/RS current limit loop then takes over, and servos
the current as previously described. As before, TIMER
runs and latches the LTC4251B/LTC4251B-1/LTC4251B-2
off when CT reaches 4V.
The LTC4251B/LTC4251B-1/LTC4251B-2 circuit breaker
latch is reset by either pulling UV/OV momentarily low, or
dropping the input voltage VIN below the internal UVLO
threshold of 8.2V.
Although short-circuits are the most obvious fault type,
several operating conditions may invoke overcurrent
protection. Noise spikes from the backplane or load, input
steps caused by the connection of a second, higher voltage
supply, transient currents caused by faults on adjacent
circuit boards sharing the same power bus, or the inser-
tion of non-hot swappable products could cause higher
than anticipated input current and temporary detection
of an overcurrent condition. The action of TIMER and CT
rejects these events allowing the LTC4251B/LTC4251B-1/
LTC4251B-2 to “ride out” temporary overloads and distur-
bances that would trip a simple current comparator and
in some cases, blow a fuse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com