Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX7203 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX7203
Description  EMI Filter & ESD Protection for Up Stream USB Ports
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7203 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX7203 Datasheet HTML 1Page - Microsemi Corporation LX7203 Datasheet HTML 2Page - Microsemi Corporation LX7203 Datasheet HTML 3Page - Microsemi Corporation LX7203 Datasheet HTML 4Page - Microsemi Corporation LX7203 Datasheet HTML 5Page - Microsemi Corporation LX7203 Datasheet HTML 6Page - Microsemi Corporation LX7203 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LX7203-xx
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
EMI Filter & ESD Protection for Up Stream USB
Ports
Copyright
 2002
Rev. 1.0a, 2002-10-22
I N T E GR A T ED
PRO DUC T S
ABSOLUTE MAXIMUM RATINGS
Steady State Power ................................................................100mW
ESD Air Discharge per IEC61000-4-2.......................................16kV
ESD Contact Discharge per IEC61000-4-2................................10kV
Lead Soldering Temperature (10 Seconds) ............................. 260°C
Operating Temperature ........................................... -40°C to +125°C
Storage Temperature Range .................................... -55°C to +150°C
Note: Exceeding these ratings could cause damage to the device. All voltages are
with
respect to
Ground. Currents are positive into, negative out of specified
terminal
.
TH ERMAL DATA
SM Plastic 6-Pin SC70
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
119
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
122
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θJA numbers are guidelines for the thermal performance of the device/pc-board
system. All of the above assume no ambient airflow.
PACKAGE PIN OUT
V
BUS
D
IN
D
IN
D
OUT
D
OUT
GND
1
2
3
4
5
6
from
connector
from
connector
to IC
to IC
SM PACKAGE
(Top View)
FUNCTIONAL PIN DESCRIPTION
Name
Description
VBUS
Bus Voltage
DIN
Data In
GND
Ground
DOUT
Data Out
ELECTRICAL CHA RACTERISTICS
Unless otherwise specified, the following specifications apply over the operating ambient temperature -40
°C
≤ T
A ≤ +125°C except where
otherwise noted.
LX7203
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Stand-Off Voltage
VRWM
5.25
V
Breakdown Voltage
VBR
IR = 1mA
6
V
Leakage Current
IR
VRWM = 5.25V, T = 25°C
1
µA
Series Resistance (-15)
RS
Each Line
13.5
15
16.5
Ω
Series Resistance (-22)
RS
Each Line
19.8
22
24.2
Ω
Temperature Coefficient of RS
TCOEFF
Each Line
200
ppm
Pull Up Resistance
RPU
Each Line
1.35
1.5
1.65
K
Ω
Capacitor
CEDGE
Each Line
47
pF
Total Capacitance
CTOT
Between I/O Pins and Ground, Each Device
VR = 0V, f = 1MHz
54
60
66
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com