Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4041 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LC4041
Description  40 characters x 4 lines
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LC4041 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LC4041 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
40 Characters x 4 Lines
160 SEG
160 SEG
DD
DD
Max.
or Eqv. x 2
KS0066
LCD
Controller
ELECTRICAL CHARACTERISTICS
V
V
DD
I
V
V
Symbol
SS
V
LEDA
LEDK
LED Backlight
E2
DB7
DB0
E1
O
R/W
RS
DD
V
V
LSI
Storage Temp.
Operating Temp.
Input Voltage
LCD Driving Voltage
Supply Current
Output High Voltage
Output Low Voltage
Input Low Voltage
Input High Voltage
BLOCK DIAGRAM
V
Item
4 Control Signals
16 COM
16 COM
40 SEG
Segment driver
LCD PANEL
-20
( V
-30
-0.3
= 1.2mA
I
40 SEG
4 Control Signals
OL
Ta=25

DD
O
- V
OL
DD
V
= 5.0V
C
OH
Condition
IH
OH
IL
I
stg
I
opr
T
V
T
= - 0.2mA
Test
--
--
00.4
--
Segment driver
4.6
3.0
--
--
--
5.0
=5V
â0.25V )
Typ.
V
2.2
2.4
- 0.3
Min.
DD
--
--
--
V
V
0.6
+ 0.3
80
DD
70
ABSOLUTE MAXIMUM RATINGS
Supply Voltage(LCD)
Supply Voltage(Logic)
Item
LC4041
-0.3
-0.3
Min.
Symbol
- V
- V
DD
DD
V
V
O
SS
13.0
Max.
7.0
40 characters x 4 lines
L : Instruction code
LED BACKLIGHT SPECIFICATIONS (Ta=25

Power supply for LED backlight
Power supply for logic
Enable signal 2
Operating voltage for LCD
Enable signal 1
H : Read
L : Write
H : Data
Approx. 95 / 125
0.5 x 0.56
2.78 x 4.97
In 8-bit bus mode, used as high
order bidirectional data bus.
In 4-bit bus mode, used as both
high and low order data bus.
In 8-bit bus mode, used as low
order bidirectional data bus.
In 4-bit bus mode, open these
pins.
No connection
12
VO
--
Forward Voltage
Emission Wave Length
Forward Current
LEDA
LEDK
NC
DD
SS
Item
18
15
17
16
14
13
E2
V
V
p
f
λ
I
+5V
>L
_
0V
H,H
--
+5V
0V
Symbol
f
V
GND
DB7
DB1
R/W
DB0
DB4
DB2
DB3
DB5
DB6
Weight (Reflective/LED)
Dot Size ( W x H )
Character Size ( W x H )
PIN CONNECTIONS
Symbol
4
V
mA
V
9
E1
11
10
RS
8
7
6
5
Pin
V
V
V
Unit
C
C

V

1
3
2
H/L
_
H,H
H/L
H/L
H/L
H/L
H/L
H/L
>L
Level
H/L
H/L
H/L
V
nm
mA
C)
Unit
568
500
--
--
Typ.
4.1
Max.
4.3
g
mm
mm
Function
147.0 x 29.5
190.0 x 54.0 x 10.0/14.5
Nominal Dimensions
MECHANICAL DATA
Viewing Area ( W x H )
Module Size ( W x H x T )
Unit
V
V
Item
mm
mm
Unit


Similar Part No. - LC4041

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
LC404100M DIT-LC404100M Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
LC404100M DIT-LC404100M Datasheet
1,005Kb / 1P
COMMON MODE CHOKE COIL
LC404100N DIT-LC404100N Datasheet
1,005Kb / 1P
COMMON MODE CHOKE COIL
LC404110M DIT-LC404110M Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
LC404110M DIT-LC404110M Datasheet
1,005Kb / 1P
COMMON MODE CHOKE COIL
More results

Similar Description - LC4041

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DV20400 ETC-DV20400 Datasheet
959Kb / 1P
20 characters x 4 lines
SC2004A ETC-SC2004A Datasheet
105Kb / 1P
20 CHARACTERS x 4 LINES
SC4004A ETC-SC4004A Datasheet
95Kb / 1P
LCD MODULES 40 CHARACTERS x 4 LINES
SC1604C ETC-SC1604C Datasheet
92Kb / 1P
16 CHARACTERS x 4 LINES
LC4021 ETC-LC4021 Datasheet
32Kb / 1P
40 characters x 2 lines
AND791GST ETC1-AND791GST Datasheet
62Kb / 3P
4 Lines x 40 Characters Intelligent Character Display
LC1641 ETC1-LC1641 Datasheet
38Kb / 1P
16 characters x 4 lines
SC4004B ETC1-SC4004B Datasheet
72Kb / 1P
40 CHARACTERS x 4 LINES
logo
Hitachi Semiconductor
LM092XMLN HITACHI-LM092XMLN Datasheet
161Kb / 3P
40 characters x 2 lines LCD
logo
List of Unclassifed Man...
MDLS-40466 ETC2-MDLS-40466 Datasheet
80Kb / 1P
40 CHARACTERS X 4 LINES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com