Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KW-DPLS31.SB Datasheet(PDF) 4 Page - OSRAM GmbH

Part # KW-DPLS31.SB
Description  SMD epoxy package, colored silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KW-DPLS31.SB Datasheet(HTML) 4 Page - OSRAM GmbH

  KW-DPLS31.SB Datasheet HTML 1Page - OSRAM GmbH KW-DPLS31.SB Datasheet HTML 2Page - OSRAM GmbH KW-DPLS31.SB Datasheet HTML 3Page - OSRAM GmbH KW-DPLS31.SB Datasheet HTML 4Page - OSRAM GmbH KW-DPLS31.SB Datasheet HTML 5Page - OSRAM GmbH KW-DPLS31.SB Datasheet HTML 6Page - OSRAM GmbH KW-DPLS31.SB Datasheet HTML 7Page - OSRAM GmbH KW-DPLS31.SB Datasheet HTML 8Page - OSRAM GmbH KW-DPLS31.SB Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2016-01-19
4
Version 1.1
KW DPLS31.SB
Characteristics (TS = 25 °C; IF = 120 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931 2) page 23
Farbkoordinaten nach CIE 1931 2) Seite 23
(typ.)
(typ.)
Cx
Cy
0.29
0.28
-
-
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(min.)
(max.)
λpeak
λpeak
436
461
nm
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
120
°
Forward voltage 3) page 23
Durchlassspannung 3) Seite 23
(min.)
(typ.)
(max.)
V
F
V
F
V
F
2.80
3.15
3.40
V
V
V
Reverse current
Sperrstrom
IR
not designed for
reverse operation
Real thermal resistance junction / solder point
4) page 23
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 23
(typ.)
(max.)
Rth JS real
Rth JS real
36
50
K/W
K/W
"Electrical" thermal resistance junction / solder point
4) page 23
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 4) Seite 23
(with efficiency ηe = 30 %)
(typ.)
(max.)
R
th JS el
Rth JS el
25
35
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com