Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-4511 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-4511
Description  GaAs-LED mit sehr hohem Wirkungsgrad
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4511 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-4511 Datasheet HTML 1Page - OSRAM GmbH SFH-4511 Datasheet HTML 2Page - OSRAM GmbH SFH-4511 Datasheet HTML 3Page - OSRAM GmbH SFH-4511 Datasheet HTML 4Page - OSRAM GmbH SFH-4511 Datasheet HTML 5Page - OSRAM GmbH SFH-4511 Datasheet HTML 6Page - OSRAM GmbH SFH-4511 Datasheet HTML 7Page - OSRAM GmbH SFH-4511 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SFH 4511
2008-08-18
3
Kapazität,
Capacitance
V
R = 0 V, f = 1 MHz
C
o
25
pF
Durchlassspannung
Forward voltage
I
F = 100 mA, tp = 20 ms
I
F = 1 A, tp = 100 µs
V
F
V
F
1.3 (
≤ 1.5)
2.3 (
≤ 2.8)
V
V
Sperrstrom
Reverse current
V
R = 5 V
I
R
0.01 (
≤ 1)
µA
Gesamtstrahlungsfluss
Total radiant flux
I
F = 100 mA, tp = 20 ms
Φ
e
22
mW
Strahlstärke
Radiant intensity
I
F = 1 A, tp = 100 µs
I
e typ.
1200
mW/sr
Temperaturkoeffizient von I
e bzw. Φe,
I
F = 100 mA
Temperature coefficient of I
e or Φe,
I
F = 100 mA
TC
I
– 0.5
%/K
Temperaturkoeffizient von
V
F, IF = 100 mA
Temperature coefficient of
V
F, IF = 100 mA
TC
V
– 2
mV/K
Temperaturkoeffizient von
λ, I
F = 100 mA
Temperature coefficient of
λ, I
F = 100 mA
TCλ
+ 0.3
nm/K
Kennwerte (
T
A = 25 °C)
Characteristics (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com