Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-4751 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-4751
Description  OSTAR짰 - Lighting IR 6-fold with Optics (940nm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4751 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-4751 Datasheet HTML 1Page - OSRAM GmbH SFH-4751 Datasheet HTML 2Page - OSRAM GmbH SFH-4751 Datasheet HTML 3Page - OSRAM GmbH SFH-4751 Datasheet HTML 4Page - OSRAM GmbH SFH-4751 Datasheet HTML 5Page - OSRAM GmbH SFH-4751 Datasheet HTML 6Page - OSRAM GmbH SFH-4751 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2009-07-10
4
SFH 4751
Strahlstärke
1)
Ι
e
Radiant Intensity
1)
Ι
e
1)
Nur eine Gruppe in einer Verpackungseinheit (Streuung kleiner 1.6:1)
Only one group in one packing unit (variation lower 1.6:1)
Bezeichnung
Parameter
Symbol
Werte
Values
Einheit
Unit
SFH 4751 -EA
SFH 4751 -EB
Strahlstärke
Radiant Intensity
I
F = 1 A, tp = 20 ms
Ι
e min
Ι
e max
630
1000
800
1250
mW/sr
mW/sr
Abstrahlcharakteristik
Radiation Characteristics I
rel = f (ϕ)
OHF04180
0˚
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
0˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com