Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3AB Datasheet(PDF) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # S3AB
Description  SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

S3AB Datasheet(HTML) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

  S3AB Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. S3AB Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
● Glass passivated chip
● For surface mounted applications
● Low reverse leakage current
● Low forward voltage drop
● High current capability
● Plastic material has UL flammability
classification 94V-0
MECHANICAL DATA
●Case: Molded Plastic
●Polarity:Color band denotes cathode
●Weight: 0.003 ounces,0.093 grams
●Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
S3AB
S3BB
S3DB
S3GB
S3JB
S3KB
S3MB
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TL=75 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed On Rated Load (JEDEC Method)
Maximum Forward Voltage at 3.0A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Typical Junction Capacitance (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJL
℃/W
Typical Thermal Resistance (Note3)
RθJA
℃/W
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
IR
250
5.0
40
10
-55 to +150
3.Thermal resistance junction to ambient.
-55 to +150
NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
2.Thermal resistance junction to lead.
uA
1.2
REVERSE VOLTAGE
- 50 to 1000Volts
POWER DISSIPATION
- 3.0 Amperes
50
S3AB thru S3MB
IFSM
A
I(AV)
3.0
A
200
SURFACE MOUNT
GLASS PASSIVATED RECTIFIERS
SMB
.030(0.76)
.060(1.52)
.096(2.44)
.084(2.13)
.200(5.08)
.220(5.59)
.008(.203)
.002(.051)
.006(.152)
.012(.305)
.160(4.06)
.185(4.70)
.130(3.30)
.155(3.94)
.083(2.11)
.075(1.91)


Similar Part No. - S3AB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S3AB DIODES-S3AB Datasheet
48Kb / 2P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16005 Rev. 8 - 2
logo
List of Unclassifed Man...
S3AB ETC1-S3AB Datasheet
67Kb / 2P
3.0A SURFACE MOUNT GLASS PASSVATED RECTIFIER
logo
Diodes Incorporated
S3AB DIODES-S3AB Datasheet
82Kb / 3P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16005 Rev. 12 - 2
logo
Won-Top Electronics
S3AB WTE-S3AB Datasheet
45Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S3AB TSC-S3AB Datasheet
54Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
More results

Similar Description - S3AB

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
S2AA HY-S2AA Datasheet
99Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
S3AB HY-S3AB_17 Datasheet
138Kb / 3P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Yixinwei Techn...
S1AL YIXIN-S1AL Datasheet
163Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
S3AB HY-S3AB_19 Datasheet
266Kb / 3P
Surface Mount Glass Passivated Rectifiers
S2A HY-S2A_19 Datasheet
271Kb / 3P
Surface Mount Glass Passivated Rectifiers
S1AL HY-S1AL_18 Datasheet
192Kb / 3P
Surface Mount Glass Passivated Rectifiers
S1A HY-S1A_19 Datasheet
268Kb / 3P
Surface Mount Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
SM1A DACO-SM1A Datasheet
153Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
SM5931 DACO-SM5931 Datasheet
962Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
S1AL HY-S1AL_V01 Datasheet
803Kb / 3P
Surface Mount Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com