Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6530 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6530
Description  5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6530 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6530 Datasheet HTML 1Page - Monolithic Power Systems MP6530 Datasheet HTML 2Page - Monolithic Power Systems MP6530 Datasheet HTML 3Page - Monolithic Power Systems MP6530 Datasheet HTML 4Page - Monolithic Power Systems MP6530 Datasheet HTML 5Page - Monolithic Power Systems MP6530 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EVKT6530 DEMO BOARD
EVKT6530 Rev. 1.0
www.MonolithicPower.com
3
4/3/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
EVKT6530 BOARD BILL OF MATERIALS
Qty
Ref
Value
Description
Manufacture
Manufacture_PN
7
C1, C2, C6,
C10, C21,
C22, C23
100nF
Ceramic Capacitor;16V;X7R;0603;
muRata
GRM188R72A104KA35D
2
C3, C7
1
μF/100V Ceramic Capacitor;100V;X7R;1206;
muRata
GRM31CR72A105KA01L
1
C5
470nF
Ceramic Capacitor;16V;X7R;0603;
muRata
GRM21BR72A474KA73L
4
C8, C11,
C12, C13
1
μF
Ceramic Capacitor;16V;X7R;0603;
muRata
GRM188R71C105KA12D
5
C9, C15,
C20, C24,
C25
10nF
Ceramic Capacitor;16V;X7R;0603;
muRata
GRM188R71H103JA01D
1
C14
22
μF
Ceramic Capacitor;10V;X7R;1206
muRata
GRM31CR71A226KE15L
1
C16
39pF
Ceramic Capacitor;50V;C0G;0603;
muRata
GRM1885C1H390JA01D
3
C17, C18,
C19
100
μF/63V Electrolytic Capacitor;50V;Electrolytic
Nichicon
UPW1J101MPD
2
D1, D9
BL-
HUF35A
-TRB
LED;ºì¹â;
BRIGHT LED
BL-HUF35A-TRB
6
D2, D3, D4,
D5, D6, D7
1N4148W Diode SOD-123
Diodes
1N4148W
1
D8
SMAJ40 Diode;50V;3A;
NS
NS
3
D10, D11,
D12
NS
Diode;50V;3A;
NS
NS
4
JP1, JP2,
JP3, P4
Header
1X2
Header, 2-Pin
1
JP4
Header
2X6
Header, 6-Pin, Dual row
1
L1
100uH
1210 Inductor
Murata
LQH32PN101MN0L
1
P1
Header
1X6
Header, 6-Pin
1
P2
Header
2X5
Header, 5-Pin, Dual row
1
P3
Header
1X3
Header, 3-Pin
1
P5
Header
1X5
Header, 5-Pin
6
Q1, Q2, Q3,
Q4, Q5, Q6
AON6278 MOSFET NCH DFN
Alpha Omega
AON6278
1
R1
1k
Film Resistor;1%
Yageo
RC0603FR-071KL
1
R2
5k
Square Trimming Potentiometer
CTS
296UD502B1N
8
R3, R13,
R29, R30,
R31, R32,
R33, R34
4.7k
Film Resistor;1%
Yageo
RC0603FR-074K7L
2
R10, R11
500k
Square Trimming Potentiometer
Bourns
3266W-1-504LF
2
R14, R15
1.2M
Film Resistor;1%
Yageo
RC0603FR-071M2L
1
R16
100k
Film Resistor;1%
Yageo
RC0603FR-07100KL
1
R17
523k
Film Resistor;1%
Yageo
RC0603FR-07523KL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com