Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F13662 Datasheet(PDF) 7 Page - Ledil, Inc.

Part # F13662
Description  ~10째 spot beam compatible with BJB connectors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13662 Datasheet(HTML) 7 Page - Ledil, Inc.

Back Button F13662 Datasheet HTML 3Page - Ledil, Inc. F13662 Datasheet HTML 4Page - Ledil, Inc. F13662 Datasheet HTML 5Page - Ledil, Inc. F13662 Datasheet HTML 6Page - Ledil, Inc. F13662 Datasheet HTML 7Page - Ledil, Inc. F13662 Datasheet HTML 8Page - Ledil, Inc. F13662 Datasheet HTML 9Page - Ledil, Inc. F13662 Datasheet HTML 10Page - Ledil, Inc. F13662 Datasheet HTML 11Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
PRODUCT
DATASHEET
F13662_ANGELA-S-B
PHOTOMETRIC DATA (MEASURED):
LED
COB 10W/13W/17W/24W
FWHM
9.0°
Efficiency
93 %
Peak intensity
19.240 cd/lm
Required components:
A.A.G. STUCCHI: 8600/G2
LED
COB 10W/13W/17W/24W
FWHM
8.0°
Efficiency
94 %
Peak intensity
16.200 cd/lm
Required components:
BJB: 47.319.2080
LED
COB 40W/60W
FWHM
15.0°
Efficiency
91 %
Peak intensity
6.760 cd/lm
Required components:
A.A.G. STUCCHI: 8102/G2
LED
LUXEON CoB 1204/1205
FWHM
9.0°
Efficiency
93 %
Peak intensity
19.200 cd/lm
Required components:
A.A.G. STUCCHI: 8301/G2
Last update: 29/05/2018
Subject to change without prior notice
7/19
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com