Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4303 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4303
Description  Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4303 Datasheet(HTML) 2 Page - Linear Technology

  LTC4303 Datasheet HTML 1Page - Linear Technology LTC4303 Datasheet HTML 2Page - Linear Technology LTC4303 Datasheet HTML 3Page - Linear Technology LTC4303 Datasheet HTML 4Page - Linear Technology LTC4303 Datasheet HTML 5Page - Linear Technology LTC4303 Datasheet HTML 6Page - Linear Technology LTC4303 Datasheet HTML 7Page - Linear Technology LTC4303 Datasheet HTML 8Page - Linear Technology LTC4303 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4312
2
4312f
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
VCC, VCC2 ................................................. –0.3V to 6V
Input Voltages
ACC, DISCEN, ENABLE1-2....................... –0.3V to 6V
Input/Output Voltages
SDAIN, SCLIN, SCLOUT1-2,
SDAOUT1-2, FAULT ................................. –0.3V to 6V
(Notes 1, 2)
DISCEN
ACC
GND
VCC2
FAULT
ENABLE1
ENABLE2
VCC
SCLOUT1
SDAOUT1
SDAIN
SCLIN
SCLOUT2
SDAOUT2
TOP VIEW
15
DE14 PACKAGE
14-LEAD (4mm
3mm) PLASTIC DFN
1
2
3
4
5
6
7
14
13
12
11
10
9
8
TJMAX = 125°C, θJA = 43°C/W, θJC = 5°C/W
EXPOSED PAD (PIN #15) PCB CONNECTION TO GND IS OPTIONAL
1
2
3
4
5
6
7
8
DISCEN
VCC
SCLOUT1
SDAOUT1
SDAIN
SCLIN
SCLOUT2
SDAOUT2
16
15
14
13
12
11
10
9
ACC
GND
NC
NC
VCC2
FAULT
ENABLE1
ENABLE2
TOP VIEW
MS PACKAGE
16-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 120°C/W, θJC = 21°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4312IDE#PBF
LTC4312IDE#TRPBF
4312
14-Lead (4mm × 3mm) DFN
–40°C to 85°C
LTC4312IMS#PBF
LTC4312IMS#TRPBF
4312
16-Lead Plastic MSOP
–40°C to 85°C
LTC4312CDE#PBF
LTC4312CDE#TRPBF
4312
14-Lead (4mm × 3mm) DFN
0°C to 70°C
LTC4312CMS#PBF
LTC4312CMS#TRPBF
4312
16-Lead Plastic MSOP
0°C to 70°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Output DC Sink Currents
FAULT.................................................................50mA
Operating Ambient Temperature Range
LTC4312C ................................................ 0°C to 70°C
LTC4312I.............................................. –40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP .............................................................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com