Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6261 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6261
Description  30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6261 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6261 Datasheet HTML 4Page - Linear Technology LTC6261 Datasheet HTML 5Page - Linear Technology LTC6261 Datasheet HTML 6Page - Linear Technology LTC6261 Datasheet HTML 7Page - Linear Technology LTC6261 Datasheet HTML 8Page - Linear Technology LTC6261 Datasheet HTML 9Page - Linear Technology LTC6261 Datasheet HTML 10Page - Linear Technology LTC6261 Datasheet HTML 11Page - Linear Technology LTC6261 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LTC6261/LTC6262/LTC6263
8
626123fa
For more information www.linear.com/LTC6261
typicAl perForMAnce chArActeristics
Supply Current vs Temperature
Output Saturation Voltage
vs Load Current (Output High)
Output Saturation Voltage
vs Load Current (Output Low)
Output Short-Circuit Current
vs Supply Voltage (Sourcing)
Output Short-Circuit Current
vs Supply Voltage (Sinking)
0.1Hz to 10Hz Output
Voltage Noise
Input Bias Current
vs Supply Voltage
Input Bias Current vs Temperature
Supply Current vs Supply Voltage
per Channel
VCM = 0.4V
+ IBIAS (nA)
– IBIAS (nA)
SUPPLY VOLTAGE (V)
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
–50
–40
–30
–20
–10
0
10
20
30
40
50
6261 G10
VS = ±2.5V
TEMPERATURE (°C)
–40 –25 –10 5 20 35 50 65 80 95 110 125
–50
–40
–30
–20
–10
0
10
20
30
40
50
6262 G11
VCM = 2V; IB–
VCM = 2V; IB+
VCM = 2V; IB–
VCM = 2V; IB+
VS = 5V
VCM = 0.4V
SUPPLY VOLTAGE (V)
0
1
2
3
4
5
0
50
100
150
200
250
300
6261 G12
TA = 125°C
TA = 25°C
TA = –40°C
VCM = 0.4V
TEMPERATURE (°C)
–50
–20
10
40
70
100
130
150
180
210
240
270
300
6261 G13
VS = 1.8V
VS = 5V
VS = 1.8V/25°C
VS = 1.8V/125°C
VS = 1.8V/85°C
VS = 1.8V/–40°C
VS = 5V/25°C
VS = 5V/125°C
VS = 5V/85°C
VS = 5V/–40°C
LOAD CURRENT (mA)
0
1
2
3
4
5
–250
–200
–150
–100
–50
0
6261 G14
VS = 1.8V/25°C
VS = 1.8V/125°C
VS = 1.8V/85°C
VS = 1.8V/–40°C
VS = 5V/25°C
VS = 5V/125°C
VS = 5V/85°C
VS = 5V/–40°C
LOAD CURRENT (mA)
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
0
50
100
150
200
250
6261 G15
VCM = 0.4V
TA = 25°C
TA = 125°C
TA = –40°C
SUPPLY VOLTAGE (V)
1.8
2.4
3.0
3.6
4.2
4.8
5.4
0
10
20
30
40
50
60
70
80
90
100
6261 G16
VCM = 0.4V
SUPPLY VOLTAGE (V)
1.8
2.4
3.0
3.6
4.2
4.8
5.4
0
10
20
30
40
50
626123 G17
TA = –40°C
TA = 25°C
TA = 125°C
VS = ±2.5V
VCM = 0V
AV = 1
TIME (s)
0
1
2
3
4
5
6
7
8
9 10
–5
–4
–3
–2
–1
0
1
2
3
4
5
626123 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com