Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3605 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3605
Description  A 7-Bit Current DAC with PMBus Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3605 Datasheet(HTML) 3 Page - Linear Technology

  LTC3605 Datasheet HTML 1Page - Linear Technology LTC3605 Datasheet HTML 2Page - Linear Technology LTC3605 Datasheet HTML 3Page - Linear Technology LTC3605 Datasheet HTML 4Page - Linear Technology LTC3605 Datasheet HTML 5Page - Linear Technology LTC3605 Datasheet HTML 6Page - Linear Technology LTC3605 Datasheet HTML 7Page - Linear Technology LTC3605 Datasheet HTML 8Page - Linear Technology LTC3605 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC7106
3
Rev A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2), VDD = 3.3V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Power Supply
2.5
 
5.5
V
IQ
Supply Quiescent Current
EN High
700
1400
μA
ISHUTDOWN
Supply Quiescent Current
EN = 0V
800
μA
VUVLO_R
Undervoltage Rising Threshold VDD Rising
2.35
V
VUVLO_F
Undervoltage Falling Threshold VDD Falling
2.15
V
VEN_R
Enable Rising Threshold
VEN Rising
1.35
V
VEN_F
Enable Falling Threshold
VEN Falling
0.8
V
IDAC_OUT
IDAC
Accuracy
Full Scale Positive
0.4 ≤ VIDAC ≤ 2V (Note 3)
Range = Normal
l
62.5
63
63.5
μA
Range = Low
l
15.5
15.75
16.0
μA
Range = High
l
246.7
252.00
255.3
μA
Full Scale Negative
0.4 ≤ VIDAC ≤ 2V (Note 3)
Range = Normal
(0°C to 85°C)
–64.64
–64
–63.36
μA
Range = Normal
l
–64.96
–64
–63.04
μA
Range = Low
l
–16.36
–16
–15.64
μA
Range = High
l
–262.50
–256
–249.50
μA
LSB
0.4 ≤ VIDAC ≤ 2V
Range = Normal
1
μA
Range = Low
0.25
μA
Range = High
4
μA
INL
0.4 ≤ VIDAC ≤ 2V
Range = Normal
–1
1
LSB
Range = Low
–1.5
1.5
LSB
Range = High
–1.6
1.6
LSB
DNL
0.4 ≤ VIDAC ≤ 2V
Range = Normal
–0.3
0.3
LSB
Range = Low
–0.5
0.5
LSB
Range = High
–0.8
0.8
LSB
IHZ
High-Z Current
0.4 ≤ VIDAC ≤ 2V
VEN = 0
l
20
nA
Digital Input: SDA, SCL
VIH
1.4
V
VIL
0.8
V
CPIN
Input Capacitance
10
pF
Open-Drain Outputs: ALERTB, GPO, SDA
VOL
Output Low Voltage
ISINK = 3mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com