Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4306 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4306
Description  2-Wire Bus Buffers with High Noise Margin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4306 Datasheet(HTML) 2 Page - Linear Technology

  LTC4306 Datasheet HTML 1Page - Linear Technology LTC4306 Datasheet HTML 2Page - Linear Technology LTC4306 Datasheet HTML 3Page - Linear Technology LTC4306 Datasheet HTML 4Page - Linear Technology LTC4306 Datasheet HTML 5Page - Linear Technology LTC4306 Datasheet HTML 6Page - Linear Technology LTC4306 Datasheet HTML 7Page - Linear Technology LTC4306 Datasheet HTML 8Page - Linear Technology LTC4306 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4313-1/LTC4313-2/
LTC4313-3
2
4313123f
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltage VCC ...................................... –0.3V to 6V
Input Voltage ENABLE.................................. –0.3V to 6V
Input/Output Voltages SDAIN, SDAOUT,
SCLIN, SCLOUT ........................................... –0.3V to 6V
Output Voltage READY................................. –0.3V to 6V
Output Sink Current READY...................................50mA
(Notes 1, 2)
TOP VIEW
DD8 PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
9
4
3
2
1
ENABLE
SCLOUT
SCLIN
GND
VCC
SDAOUT
SDAIN
READY
TJMAX = 150°C, θJA = 39.7°C/W
EXPOSED PAD (PIN 9) PCB CONNECTION TO GND IS OPTIONAL
1
2
3
4
ENABLE
SCLOUT
SCLIN
GND
8
7
6
5
VCC
SDAOUT
SDAIN
READY
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 163°C/W
orDer inForMaTion
Operating Ambient Temperature Range
LTC4313C ................................................ 0°C to 70°C
LTC4313I.............................................. –40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MS Package...................................................... 300°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4313CDD-1#PBF
LTC4313CDD-1#TRPBF
LFYZ
8-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC4313IDD-1#PBF
LTC4313IDD-1#TRPBF
LFYZ
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC4313CMS8-1#PBF
LTC4313CMS8-1#TRPBF LTFYZ
8-Lead Plastic MSOP
0°C to 70°C
LTC4313IMS8-1#PBF
LTC4313IMS8-1#TRPBF
LTFYZ
8-Lead Plastic MSOP
–40°C to 85°C
LTC4313CDD-2#PBF
LTC4313CDD-2#TRPBF
LFZB
8-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC4313IDD-2#PBF
LTC4313IDD-2#TRPBF
LFZB
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC4313CMS8-2#PBF
LTC4313CMS8-2#TRPBF LTFZC
8-Lead Plastic MSOP
0°C to 70°C
LTC4313IMS8-2#PBF
LTC4313IMS8-2#TRPBF
LTFZC
8-Lead Plastic MSOP
–40°C to 85°C
LTC4313CDD-3#PBF
LTC4313CDD-3#TRPBF
LGDD
8-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC4313IDD-3#PBF
LTC4313IDD-3#TRPBF
LGDD
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC4313CMS8-3#PBF
LTC4313CMS8-3#TRPBF LTGDF
8-Lead Plastic MSOP
0°C to 70°C
LTC4313IMS8-3#PBF
LTC4313IMS8-3#TRPBF
LTGDF
8-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com