Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4307 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4307
Description  2-Wire Bus Buffers with High Noise Margin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4307 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4307 Datasheet HTML 12Page - Linear Technology LTC4307 Datasheet HTML 13Page - Linear Technology LTC4307 Datasheet HTML 14Page - Linear Technology LTC4307 Datasheet HTML 15Page - Linear Technology LTC4307 Datasheet HTML 16Page - Linear Technology LTC4307 Datasheet HTML 17Page - Linear Technology LTC4307 Datasheet HTML 18Page - Linear Technology LTC4307 Datasheet HTML 19Page - Linear Technology LTC4307 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC4313-1/LTC4313-2/
LTC4313-3
20
4313123f
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2011
LT 1011 • PRINTED IN USA
relaTeD parTs
Typical applicaTion
PART NUMBER DESCRIPTION
COMMENTS
LTC4300A-1/
LTC4300A-2/
LTC4300A-3
Hot Swappable 2-Wire Bus Buffers
-1: Bus Buffer with READY and ENABLE
-2: Dual Supply Buffer with ACC
-3: Dual Supply Buffer and ENABLE
LTC4302-1/
LTC4302-2
Addressable 2-Wire Bus Buffer
Address Expansion, GPIO, Software Controlled
LTC4303/
LTC4304
Hot Swappable 2-Wire Bus Buffer with Stuck
Bus Recovery
Provides Automatic Clocking to Free Stuck I2C Busses
LTC4305/
LTC4306
2- or 4-Channel, 2 Wire Bus Multiplexers
with Capacitance Buffering
Two or Four Software Selectable Downstream Busses, Stuck Bus Disconnect, Rise Time
Accelerators, Fault Reporting, ±5kV HBM ESD
LTC4307
Low Offset Hot Swappable 2-Wire Bus
Buffer with Stuck Bus Recovery
60mV Bus Offset, Rise Time Accelerators, ±5kV HBM ESD
LTC4307-1
High Definition Multimedia Interface (HDMI)
Level Shifting 2-Wire Bus Buffer
60mV Buffer Offset, 3.3V to 5V Level Shifting, 30ms Stuck Bus Disconnect and Recovery,
±5kV HBM ESD
LTC4308
Low Voltage, Level Shifting Hot Swappable
2-Wire Bus Buffer with Stuck Bus Recovery
Bus Buffer with 1V Precharge, ENABLE and READY, 0.9V to 5.5V Level Translation, 30ms
Stuck Bus Disconnect and Recovery, Output Side Rise Time Accelerators, ±6kV HBM ESD
LTC4309
Low Offset Hot Swappable 2-Wire Bus
Buffer with Stuck Bus Recovery
60mV Buffer Offset, 30ms Stuck Bus Disconnect and Recovery, Rise Time Accelerators,
±5kV HBM ESD, 1.8V to 5.5V Level Translation
LTC4310-1
LTC4310-2
Hot Swappable I2C Isolators
Bidirectional I2C Communication Between Two Isolated Busses, LTC4310-1: 100kHz Bus,
LTC4310-2: 400kHz Bus
LTC4311
Low Voltage I2C/SMBus Accelerator
Rise Time Acceleration with ENABLE and ±8kV HBM ESD
LTC4312/
LTC4314
2- or 4-Channel, Hardware Selectable 2 Wire
Bus Multiplexers with Capacitance Buffering
Two or Four Pin Selectable Downstream Busses, VIL Up to 0.3•VCC, Stuck Bus Disconnect,
Rise time Accelerators, 45ms Stuck Bus Disconnect and Recovery,
±4kV HBM ESD
LTC4315
High Noise Margin 2-Wire Bus Buffer
VIL = 0.3•VCC, Rise Time Accelerators, Stuck Bus Disconnect, 1V Precharge,
ENABLE and READY Pins, ±4kV HBM ESD
Cascaded Application with Level Shifting and Operation with a Non-Compliant I2C Device
LTC4313-3
GND
VCC
4313123 TA02
READY
SCLOUT
SDAOUT
ENABLE
SCLIN
SDAIN
SCL1
SDA1
SCL2
SDA2
R2
10k
R3
10k
R4
10k
R1
10k
C1
0.01µF
2.5V
3.3V
5V
LTC4313-2
GND
BACKPLANE OR
LONG CABLE RUN
VCC
READY
SCLOUT
SDAOUT
ENABLE
SCLIN
SDAIN
R7
10k
R6
10k
R5
10k
NON-COMPLIANT
I2C DEVICE
VOL = 0.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com