Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1806 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1806
Description  2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1806 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1806 Datasheet HTML 9Page - Linear Technology LT1806 Datasheet HTML 10Page - Linear Technology LT1806 Datasheet HTML 11Page - Linear Technology LT1806 Datasheet HTML 12Page - Linear Technology LT1806 Datasheet HTML 13Page - Linear Technology LT1806 Datasheet HTML 14Page - Linear Technology LT1806 Datasheet HTML 15Page - Linear Technology LT1806 Datasheet HTML 16Page - Linear Technology LT1806 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTC6253-7
13
62537f
For more information www.linear.com/LTC6253-7
APPLICATIONS INFORMATION
Input Offset Voltage
The offset voltage will change depending upon which
input stage is active. The PNP input stage is active from
the negative supply rail to approximately 1.2V below the
positive supply rail, then the NPN input stage is activated
for the remaining input range up to the positive supply rail
with the PNP stage inactive. The offset voltage magnitude
for the PNP input stage is trimmed to less than 350µV with
5V total supply at room temperature, and is typically less
than 150μV. The offset voltage for the NPN input stage is
less than 2.2mV with 5V total supply at room temperature.
Input Bias Current
The LTC6253-7 uses a bias current cancellation circuit
to compensate for the base current of the PNP input pair.
This results in a typical IB of about 100nA. When the in-
put common mode voltage is less than 200mV, the bias
cancellation circuit is no longer effective and the input
bias current magnitude can reach a value above 4µA. For
common mode voltages ranging from 0.2V above the
negative supply to 1.2V below the positive supply, the
low input bias current allows the amplifiers to be used in
applications with high source resistances where errors
due to voltage drops must be minimized.
Output
The LTC6253-7 has excellent output drive capability. The
amplifiers can typically deliver 90mA of output drive cur-
rent at a total supply of 5V. The maximum output current
is a function of the total supply voltage. As the supply
voltage to the amplifier decreases, the output current
capability also decreases. Attention must be paid to keep
the junction temperature of the IC below 150°C (refer
to the Power Dissipation Section) when the output is in
continuous short-circuit. The output of the amplifier has
reverse-biased diodes connected to each supply. If the
output is forced beyond either supply, extremely high
current will flow through these diodes which can result
in damage to the device. Forcing the output to even 1V
beyond either supply could result in several hundred mil-
liamps of current through either diode.
Input Protection
TheLTC6253-7’sinputstagesareprotectedagainstalarge
differential input voltage of 1.4V or higher by 2 pairs of
back-to-back diodes to prevent the emitter-base break-
down of the input transistors. In addition, the input and
shutdown pins have reverse biased diodes connected to
the supplies. The current in these diodes must be limited
to less than 10mA. The amplifiers should not be used as
comparators or in other open loop applications.
ESD
The LTC6253-7 has reverse-biased ESD protection diodes
on all inputs and outputs as shown in Figure 1.
There is an additional clamp between the positive and
negative supplies that further protects the device during
ESD strikes. Hot plugging of the device into a powered
socket must be avoided since this can trigger the clamp
resultinginlargercurrentsflowingbetweenthesupplypins.
Capacitive Loads
The LTC6253-7 has been optimized for speed and should
not be used to drive large capacitors without resistive
isolation. Increased capacitance at the output creates an
additionalpoleintheopenloopfrequencyresponse,wors-
ening the phase margin. When driving capacitive loads, a
resistor of 10Ω to 100Ω should be connected between the
amplifier output and the capacitive load to avoid ringing
or oscillation. The feedback should be taken directly from
the amplifier output. Higher voltage gain configurations
tend to have better capacitive drive capability than lower
gain configurations due to lower closed loop bandwidth
and hence higher phase margin. The graphs titled Series
Output Resistor vs Capacitive Load demonstrate the tran-
sient response of the amplifier when driving capacitive
loads with various series resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com