Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1499 Datasheet(PDF) 17 Page - Linear Technology

Part # LT1499
Description  30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1499 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1499 Datasheet HTML 13Page - Linear Technology LT1499 Datasheet HTML 14Page - Linear Technology LT1499 Datasheet HTML 15Page - Linear Technology LT1499 Datasheet HTML 16Page - Linear Technology LT1499 Datasheet HTML 17Page - Linear Technology LT1499 Datasheet HTML 18Page - Linear Technology LT1499 Datasheet HTML 19Page - Linear Technology LT1499 Datasheet HTML 20Page - Linear Technology LT1499 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LTC6261/LTC6262/LTC6263
626123fa
17
For more information www.linear.com/LTC6261
typicAl ApplicAtions
The circuit consists of first an inverting gain stage with
closed loop gain = 3, and a subsequent inverting stage.
The combination of inverting stages produces a single-
ended input to differential output gain of 6. With 1VP-P
single-ended input, the output is 6VP-P differential, or 3V
max (2.1V RMS). With 100Ω, 1V leads to 45mW delivered
power.
INPUT = 500mVP-P
FREQUENCY (kHz)
0.1
1
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
626123 TA12
50
100
300
NO LOAD
LTC6262 Bridge Driver THD
and Noise with Different Loads
vs Frequency
LTC6262 Bridge Driver THD
and Noise with Different Loads
vs Amplitude at 1kHz
INPUT AT 1 kHz
No Load
300
100
50
AUDIO INPUT AMPLITUDE (V)
0.001
0.01
0.1
1 2
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
626123 TA12a
Despite the low quiescent current, this driver delivers low
distortion to a headphone load. At high enough amplitude,
distortion increases dramatically as the op amp output
clips. Clipping occurs sooner with more loading as the
output transistors start to run out of current gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com