Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3871 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC3871
Description  A 7-Bit Current DAC with PMBus Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3871 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC3871 Datasheet HTML 11Page - Linear Technology LTC3871 Datasheet HTML 12Page - Linear Technology LTC3871 Datasheet HTML 13Page - Linear Technology LTC3871 Datasheet HTML 14Page - Linear Technology LTC3871 Datasheet HTML 15Page - Linear Technology LTC3871 Datasheet HTML 16Page - Linear Technology LTC3871 Datasheet HTML 17Page - Linear Technology LTC3871 Datasheet HTML 18Page - Linear Technology LTC3871 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC7106
15
Rev A
For more information www.analog.com
REGISTER COMMAND DETAILS
MFR_CHIP_CTRL
This register is for general chip control and status. Please
refer to Table 7 for each bit description.
Bits
Description
[7:4] Reserved
[3]
Timeout Status:
0 = No PMBus Timeout Occurred
1 = A Timeout Occurred
Writing a 1 to this bit will clear this bit
[2]
Write Protect for Margin Registers
0 = Write Allowed
1 = Writes Inhibited
[1]
Reserved
[0]
GPO, General Purpose Output
0 = GPO Pulls Open Drain to GND
1 = Hi-Z on GPO
MFR_DAC_CTRL
8-bit register to control the IDAC LSB current value and the
timer count for the slew rate control. Default value = 0x40.
Bits
Description
[7:6] Selector Range for IDAC Step Current:
b’00 = 0.25µA/Step, Range Low
b’01 = 1.0µA/Step, Nominal
b’10 = 4.0µA/Step, Range High
b’11 = Reserved
[5:0] Selector for Time in µs/Step
Default Value 0x00 = Max = 3584µs/Step
See Table 6 for Allowable Values
Only a power cycle, POR, will reset this register to prevent
unwantedimmediatecurrentchangesinIDAC.MFR_RESET
will not reset this register.
In addition, IDAC must be at 0x00 to change the current
range selector to prevent unwanted large swings in IDAC
current. The time step selector, bits [5:0], can be changed
at any time.
Table 5. Programmable Delay Per Current Step
Slew Rate Timer Clock (µs/Step)
[5:0]
[5:0]
[5:0]
0 0 0 0 0 0
= 3584 0 1 0 0 0 0
= 16
1 0 0 0 0 0
= 256
0 0 0 0 0 1
= 0.5
0 1 0 0 0 1
= 20
1 0 0 0 0 1
= 320
0 0 0 0 1 0
= 1.0
0 1 0 0 1 0
= 24
1 0 0 0 1 0
= 384
0 0 0 0 1 1
= 1.5
0 1 0 0 1 1
= 28
1 0 0 0 1 1
= 448
0 0 0 1 0 0
= 2.0
0 1 0 1 0 0
= 32
1 0 0 1 0 0
= 512
0 0 0 1 0 1
= 2.5
0 1 0 1 0 1
= 40
1 0 0 1 0 1
= 640
0 0 0 1 1 0
= 3.0
0 1 0 1 1 0
= 48
1 0 0 1 1 0
= 768
0 0 0 1 1 1
= 3.5
0 1 0 1 1 1
= 56
1 0 0 1 1 1
= 896
0 0 1 0 0 0
= 4.0
0 1 1 0 0 0
= 64
1 0 1 0 0 0
= 1280*
0 0 1 0 0 1
= 5.0
0 1 1 0 0 1
= 80
1 0 1 0 0 1
= 1280
0 0 1 0 1 0
= 6.0
0 1 1 0 1 0
= 96
1 0 1 0 1 0
= 1536
0 0 1 0 1 1
= 7.0
0 1 1 0 1 1
= 112
1 0 1 0 1 1
= 1792
0 0 1 1 0 0
= 8.0
0 1 1 1 0 0
= 128
1 0 1 1 0 0
= 2560*
0 0 1 1 0 1
= 10
0 1 1 1 0 1
= 160
1 0 1 1 0 1
= 2560
0 0 1 1 1 0
= 12
0 1 1 1 1 0
= 192
1 0 1 1 1 0
= 3584*
0 0 1 1 1 1
= 14
0 1 1 1 1 1
= 224
1 0 1 1 1 1
= 3584
* Duplicate Encoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com