Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4355 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4355
Description  High Voltage Surge Stopper
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355 Datasheet(HTML) 3 Page - Linear Technology

  LTC4355 Datasheet HTML 1Page - Linear Technology LTC4355 Datasheet HTML 2Page - Linear Technology LTC4355 Datasheet HTML 3Page - Linear Technology LTC4355 Datasheet HTML 4Page - Linear Technology LTC4355 Datasheet HTML 5Page - Linear Technology LTC4355 Datasheet HTML 6Page - Linear Technology LTC4355 Datasheet HTML 7Page - Linear Technology LTC4355 Datasheet HTML 8Page - Linear Technology LTC4355 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC4366
436612fe
For more information www.linear.com/LTC4366
3
ORDER INFORMATION
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4366CTS8-1#TRMPBF
LTC4366CTS8-1#TRPBF
LTFMC
8-Lead Plastic TSOT-23
0°C to 70°C
LTC4366ITS8-1#TRMPBF
LTC4366ITS8-1#TRPBF
LTFMC
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC4366HTS8-1#TRMPBF
LTC4366HTS8-1#TRPBF
LTFMC
8-Lead Plastic TSOT-23
–40°C to 125°C
LTC4366CDDB-1#TRMPBF
LTC4366CDDB-1#TRPBF
LFMD
8-Lead (3mm × 2mm) Plastic DFN
0°C to 70°C
LTC4366IDDB-1#TRMPBF
LTC4366IDDB-1#TRPBF
LFMD
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 85°C
LTC4366HDDB-1#TRMPBF
LTC4366HDDB-1#TRPBF
LFMD
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LTC4366CTS8-2#TRMPBF
LTC4366CTS8-2#TRPBF
LTFMF
8-Lead Plastic TSOT-23
0°C to 70°C
LTC4366ITS8-2#TRMPBF
LTC4366ITS8-2#TRPBF
LTFMF
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC4366HTS8-2#TRMPBF
LTC4366HTS8-2#TRPBF
LTFMF
8-Lead Plastic TSOT-23
–40°C to 125°C
LTC4366CDDB-2#TRMPBF
LTC4366CDDB-2#TRPBF
LFMG
8-Lead (3mm × 2mm) Plastic DFN
0°C to 70°C
LTC4366IDDB-2#TRMPBF
LTC4366IDDB-2#TRPBF
LFMG
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 85°C
LTC4366HDDB-2#TRMPBF
LTC4366HDDB-2#TRPBF
LFMG
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LTC4366MPTS8-1#TRMPBF LTC4366MPTS8-1#TRPBF
LTFMC
8-Lead Plastic TSOT-23
–55°C to 125°C
LTC4366MPTS8-2#TRMPBF LTC4366MPTS8-2#TRPBF
LTFMF
8-Lead Plastic TSOT-23
–55°C to 125°C
LTC4366MPDDB-1#TRMPBF LTC4366MPDDB-1#TRPBF LFMD
8-Lead (3mm × 2mm) Plastic DFN
–55°C to 125°C
LTC4366MPDDB-2#TRMPBF LTC4366MPDDB-2#TRPBF LFMG
8-Lead (3mm × 2mm) Plastic DFN
–55°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com