Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP2213 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP2213
Description  Dual Output Low Dropout Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2213 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP2213 Datasheet HTML 1Page - Vishay Siliconix SIP2213 Datasheet HTML 2Page - Vishay Siliconix SIP2213 Datasheet HTML 3Page - Vishay Siliconix SIP2213 Datasheet HTML 4Page - Vishay Siliconix SIP2213 Datasheet HTML 5Page - Vishay Siliconix SIP2213 Datasheet HTML 6Page - Vishay Siliconix SIP2213 Datasheet HTML 7Page - Vishay Siliconix SIP2213 Datasheet HTML 8Page - Vishay Siliconix SIP2213 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SiP2213
Vishay Siliconix
New Product
Document Number: 73190
S-50922—Rev. C, 09-May-05
www.vishay.com
1
Dual Output Low Dropout Regulator
FEATURES
D 2.25-V to 5.5-V Input Voltage Range
D Two Outputs − 150 mA and 300 mA
D Low Ground Current
D Open Drain Driver Output
D POR
D Current Limit
D Thermal Shutdown
D MLP33-10 and MLP44-16 PowerPAKr Packages
APPLICATIONS
D Cellular Phones
D Wireless Modems
D PDAs
DESCRIPTION
The SiP2213 is a dual output low dropout regulator capable of
supplying 150 mA from output 1 and 300 mA from output 2. In
the SiP2213, the outputs are sequenced at power on. The
output of LDO #1 has to settle before the output of LDO #2
begins turning on. In addition to the LDOs, an open drain
output has been included, which is capable of sinking 150 mA.
The SiP2213 offers a low dropout, low ground current and
extremely low noise with the addition of a bypass capacitor.
Protection features include POR with adjustable delay,
undervoltage lockout, output current limit, and thermal
shutdown.
The fixed output version of SiP2213 is available in the
MLP33-10 PowerPAK package and the adjustable version is
available in the MLP44-16 PowerPAK package. Both
packages are specified to operate over the range of –40_C to
85_C.
TYPICAL APPLICATION CIRCUIT
VOUT1
VOUT2
POR
DRV
VIN
EN
BP
SW
SET
GND
SiP2213
VOUT1
VOUT2
POR
VIN
EN
SW
GND


Similar Part No. - SIP2213

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP2204 VISHAY-SIP2204 Datasheet
562Kb / 17P
Quad Channel Monolithic Power Stage
16-May-16
SIP2204 VISHAY-SIP2204 Datasheet
553Kb / 16P
Quad Channel Monolithic Power Stage
29-Jun-2020
SIP2204DB VISHAY-SIP2204DB Datasheet
553Kb / 16P
Quad Channel Monolithic Power Stage
29-Jun-2020
SIP2204EMP-T1-GE4 VISHAY-SIP2204EMP-T1-GE4 Datasheet
553Kb / 16P
Quad Channel Monolithic Power Stage
29-Jun-2020
SIP2204 VISHAY-SIP2204_V01 Datasheet
553Kb / 16P
Quad Channel Monolithic Power Stage
29-Jun-2020
More results

Similar Description - SIP2213

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3003KWD ALLEGRO-SI-3003KWD Datasheet
439Kb / 9P
1A, Low-Dropout, Dual Output, 1.8V & 2.5V Regulator
SI-3005KWM ALLEGRO-SI-3005KWM Datasheet
357Kb / 9P
1A, Low-Dropout, Dual Output, 1.5V & 1.8V Regulator
May 16, 2005
SI-3006KWD ALLEGRO-SI-3006KWD Datasheet
441Kb / 9P
1A, Low-Dropout, Dual Output, 1.8V & 3.3V Regulator
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Texas Instruments
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
logo
Fitipower Integrated Te...
FP6121 FITIPOWER-FP6121 Datasheet
732Kb / 12P
300mA, High PSRR, Dual Output Low-Dropout Regulator
FP6128 FITIPOWER-FP6128 Datasheet
626Kb / 11P
300mA, High PSRR, Dual Output Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com