Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LO-543B Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LO-543B
Description  colorless, clear 5 mm (T1 쩐) package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LO-543B Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LO-543B Datasheet HTML 5Page - OSRAM GmbH LO-543B Datasheet HTML 6Page - OSRAM GmbH LO-543B Datasheet HTML 7Page - OSRAM GmbH LO-543B Datasheet HTML 8Page - OSRAM GmbH LO-543B Datasheet HTML 9Page - OSRAM GmbH LO-543B Datasheet HTML 10Page - OSRAM GmbH LO-543B Datasheet HTML 11Page - OSRAM GmbH LO-543B Datasheet HTML 12Page - OSRAM GmbH LO-543B Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2005-03-02
10
LA 543B, LO 543B, LY 543B
Maßzeichnung
9)
Seite 13
Package Outlines
9)
page 13
Kathodenkennung:
kürzerer Lötspieß
Cathode mark:
short solder lead
Gewicht / Approx. weight:
0.35 g
Empfohlenes Lötpaddesign
9)
Seite 13
Wellenlöten (TTW)
Recommended Solder Pad
9)
page 13
TTW Soldering
0.4 (0.016)
0.6 (0.024)
5.5 (0.217)
5.9 (0.232)
Area not flat
8.2 (0.323)
9.0 (0.354)
7.8 (0.307)
7.5 (0.295)
27.0 (1.063)
29.0 (1.142)
1.2 (0.047)
1.8 (0.071)
Cathode
GEXY6713
4 (0.157)
OHLPY985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com