Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA-G5AP Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LA-G5AP
Description  white PLCC-4 package, colorless clear silicone resin, clear silicone lens
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-G5AP Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LA-G5AP Datasheet HTML 6Page - OSRAM GmbH LA-G5AP Datasheet HTML 7Page - OSRAM GmbH LA-G5AP Datasheet HTML 8Page - OSRAM GmbH LA-G5AP Datasheet HTML 9Page - OSRAM GmbH LA-G5AP Datasheet HTML 10Page - OSRAM GmbH LA-G5AP Datasheet HTML 11Page - OSRAM GmbH LA-G5AP Datasheet HTML 12Page - OSRAM GmbH LA-G5AP Datasheet HTML 13Page - OSRAM GmbH LA-G5AP Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
2011-05-04
10
LA G5AP
Max. Permissible Forward Current 7) page 20
Maximal zulässiger Durchlassstrom 7) Seite 20
I
F = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
Duty cycle D = parameter, T
S = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
Duty cycle D = parameter, T
S = 85 *C
0
0
˚C
T
I
F
mA
OHL03681
S
20
40
60
80
100
50
100
150
200
300
0
-5
F
I
A
tp
s
OHL03683
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
T
t
T
D =
P
P
t
I
F
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.55
D
0.05
0.1
0.5
0.2
1
0.01
0.02
0.005
=
0
-5
F
I
A
tp
s
OHL03683
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
T
t
T
D =
P
P
t
I
F
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.55
D
0.05
0.1
0.5
0.2
1
0.01
0.02
0.005
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com