Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-543C Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LB-543C
Description  colorless, clear 5 mm (T1 쩐) package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-543C Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LB-543C Datasheet HTML 7Page - OSRAM GmbH LB-543C Datasheet HTML 8Page - OSRAM GmbH LB-543C Datasheet HTML 9Page - OSRAM GmbH LB-543C Datasheet HTML 10Page - OSRAM GmbH LB-543C Datasheet HTML 11Page - OSRAM GmbH LB-543C Datasheet HTML 12Page - OSRAM GmbH LB-543C Datasheet HTML 13Page - OSRAM GmbH LB-543C Datasheet HTML 14Page - OSRAM GmbH LB-543C Datasheet HTML 15Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
2009-10-20
12
LB 543C, LV 543C, LT 543C
Maßzeichnung
9) Seite 15
Package Outlines
9) page 15
Kathodenkennung:
kürzerer Lötspieß
Cathode mark:
short solder lead
Gewicht / Approx. weight:
0.35 g
Empfohlenes Lötpaddesign
9) Seite 15
Wellenlöten (TTW)
Recommended Solder Pad
9) page 15
TTW Soldering
0.4 (0.016)
0.6 (0.024)
5.5 (0.217)
5.9 (0.232)
Area not flat
8.2 (0.323)
9.0 (0.354)
7.8 (0.307)
7.5 (0.295)
27.0 (1.063)
29.0 (1.142)
1.2 (0.047)
1.8 (0.071)
Cathode
GEXY6713
4 (0.157)
OHLPY985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com