Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-E67C Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LB-E67C
Description  white P-LCC-4 package, colorless clear resin
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-E67C Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LB-E67C Datasheet HTML 8Page - OSRAM GmbH LB-E67C Datasheet HTML 9Page - OSRAM GmbH LB-E67C Datasheet HTML 10Page - OSRAM GmbH LB-E67C Datasheet HTML 11Page - OSRAM GmbH LB-E67C Datasheet HTML 12Page - OSRAM GmbH LB-E67C Datasheet HTML 13Page - OSRAM GmbH LB-E67C Datasheet HTML 14Page - OSRAM GmbH LB-E67C Datasheet HTML 15Page - OSRAM GmbH LB-E67C Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
2006-10-04
12
LB E67C, LV E67C, LT E67C
Empfohlenes Lötpaddesign verwendbar für TOPLED
® und Power TOPLED®
IR Reflow Löten
8) Seite 17
Recommended Solder Pad useable for TOPLED
® and Power TOPLED®
IR Reflow Soldering
8)
page 17
Empfohlenes Lötpaddesign
8) Seite 17
Wellenlöten (TTW)
Recommended Solder Pad
8)
page 17
TTW Soldering
OHLPY440
Padgeometrie für
verbesserte Wärmeableitung
improved heat dissipation
Paddesign for
Lötstoplack
Solder resist
0.8 (0.031)
2.3 (0.091)
3.3 (0.130)
Cu Fläche / 16 mm per pad
2
Cu-area
_
<
3.3 (0.130)
Kathode/
Cathode
Anode
Fläche darf elektrisch nicht beschaltet werden.
Do not use this area for electrical contact.
0.7 (0.028)
Fläche darf elektrisch nicht beschaltet werden.
Do not use this area for electrical contact.
OHAY1583
6.1 (0.240)
2.8 (0.110)
2.8 (0.110)
0.5 (0.020)
Solder resist
Lötstoplack
Padgeometrie für
improved heat dissipation
verbesserte Wärmeableitung
Paddesign for
2
Cu Fläche / > 16 mm per pad
Cu-area
Anode
Fläche darf elektrisch nicht beschaltet werden.
Do not use this area for electrical contact.
Fläche darf elektrisch nicht beschaltet werden.
Do not use this area for electrical contact.
Cathode
Kathode/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com