Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-M676 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LB-M676
Description  white SMT package, colorless clear resin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-M676 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LB-M676 Datasheet HTML 3Page - OSRAM GmbH LB-M676 Datasheet HTML 4Page - OSRAM GmbH LB-M676 Datasheet HTML 5Page - OSRAM GmbH LB-M676 Datasheet HTML 6Page - OSRAM GmbH LB-M676 Datasheet HTML 7Page - OSRAM GmbH LB-M676 Datasheet HTML 8Page - OSRAM GmbH LB-M676 Datasheet HTML 9Page - OSRAM GmbH LB-M676 Datasheet HTML 10Page - OSRAM GmbH LB-M676 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LB M676
2008-11-17
7
Durchlassstrom
2) 7) Seite 15
Forward Current
2) 7) page 15
I
F = f (VF); TA = 25 °C
Relative Lichtstärke
2) 7) Seite 15
Relative Luminous Intensity
2) 7) page 15
I
V/IV(10 mA) = f (IF); TA = 25 °C
Relative Lichtstärke
2) Seite 15
Relative Luminous Intensity
2) page 15
I
V/IV(25 °C) = f (Tj); IF = 10 mA
V
OHL00432
F
F
I
V
5
1.5
2 2.5 3 3.5 4 4.5 5
6
10
-1
0
10
5
1
10
10
2
mA
I
OHL00433
F
0
10
V (10 mA)
I
10
-2
I
V
510
1
mA
2
10
5
10
-1
5
10
0
10
1
OHL00442
0
V
I
-20
0
20
40
60
˚C 100
j
I
V
(25 ˚C)
0.2
0.4
0.6
0.8
1.2
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com