Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS-E63B Datasheet(PDF) 16 Page - OSRAM GmbH

Part # LS-E63B
Description  white P-LCC-4 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-E63B Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button LS-E63B Datasheet HTML 8Page - OSRAM GmbH LS-E63B Datasheet HTML 9Page - OSRAM GmbH LS-E63B Datasheet HTML 10Page - OSRAM GmbH LS-E63B Datasheet HTML 11Page - OSRAM GmbH LS-E63B Datasheet HTML 12Page - OSRAM GmbH LS-E63B Datasheet HTML 13Page - OSRAM GmbH LS-E63B Datasheet HTML 14Page - OSRAM GmbH LS-E63B Datasheet HTML 15Page - OSRAM GmbH LS-E63B Datasheet HTML 16Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
2003-06-02
16
LS E63B, LA E63B, LO E63B, LY E63B
Published by OSRAM Opto Semiconductors GmbH
Wernerwerkstrasse 2, D-93049 Regensburg
© All Rights Reserved.
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
All typical data and graphs are basing on representative samples, but don’t represent the production range. If requested,
e.g. because of technical improvements, these typ. data will be changed without any further notice.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
1 may only be used in life-support devices or systems 2 with the express written approval of OSRAM OS.
1 A critical component is a component used in a life-support device or system whose failure can reasonably be expected
to cause the failure of that life-support device or system, or to affect its safety or the effectiveness of that device or
system.
2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain
and sustain human life. If they fail, it is reasonable to assume that the health of the user may be endangered.
Revision History: 2003-06-02
Date of change
Previous Version:
2003-03-04
Page
Subjects (major changes since last revision)
2
wavelength grouping for yellow and orange
2
forward voltage grouping for amber, super red and yellow
2, 5
implemeted partial flux measurement
4
value (orange; temperature coefficient of
9 F from -1.8 to -3.7 mV/K)
2002-06-14
15
annotations
2002-07-23
13
new IR solder pad (OHLPY439 to OHLPY440)
2002-08-05
3, 4
value (reverse voltage from 5 V to 12 V)
2002-09-18
1
picture of the device
2002-10-15
6
Schematic Test Methode for partial flux measurement
2002-11-28
all
implementation of LS E63B
2002-12-13
5
forward voltage groups for orange
2003-01-30
2
orange: ordering code
2003-03-04
13
new recommended solder pad
2003-06-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com