Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA-E63B Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LA-E63B
Description  white P-LCC-4 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-E63B Datasheet(HTML) 5 Page - OSRAM GmbH

  LA-E63B Datasheet HTML 1Page - OSRAM GmbH LA-E63B Datasheet HTML 2Page - OSRAM GmbH LA-E63B Datasheet HTML 3Page - OSRAM GmbH LA-E63B Datasheet HTML 4Page - OSRAM GmbH LA-E63B Datasheet HTML 5Page - OSRAM GmbH LA-E63B Datasheet HTML 6Page - OSRAM GmbH LA-E63B Datasheet HTML 7Page - OSRAM GmbH LA-E63B Datasheet HTML 8Page - OSRAM GmbH LA-E63B Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LS E63B, LA E63B, LO E63B, LY E63B
2003-06-02
5
1) Wellenlängengruppen
Wavelength groups
Gruppe
Group
amber
orange
yellow
Einheit
Unit
min.
max.
min.
max.
min.
max.
2
612
616
600
603
580
583
nm
3
616
620
603
606
583
586
nm
4
620
624
606
609
586
589
nm
5
589
592
nm
6
592
595
nm
3) Durchlassspannungsgruppen für
super-rot / orange / gelb
Forward voltage groups for
super-red / orange / yellow
4) Durchlassspannungsgruppen für amber
Forward voltage groups for amber
Gruppe
Group
Durchlassspannung
Forward voltage
Einheit
Unit
Gruppe
Group
Durchlassspannung
Forward voltage
Einheit
Unit
min.
max.
min.
max.
3
1.9
2.2
V
3A
1.90
2.05
V
4
2.2
2.5
V
3B
2.05
2.20
V
4A
2.20
2.35
V
4B
2.35
2.50
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com