Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LO-E63B Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LO-E63B
Description  white P-LCC-4 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LO-E63B Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LO-E63B Datasheet HTML 2Page - OSRAM GmbH LO-E63B Datasheet HTML 3Page - OSRAM GmbH LO-E63B Datasheet HTML 4Page - OSRAM GmbH LO-E63B Datasheet HTML 5Page - OSRAM GmbH LO-E63B Datasheet HTML 6Page - OSRAM GmbH LO-E63B Datasheet HTML 7Page - OSRAM GmbH LO-E63B Datasheet HTML 8Page - OSRAM GmbH LO-E63B Datasheet HTML 9Page - OSRAM GmbH LO-E63B Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2003-06-02
6
LS E63B, LA E63B, LO E63B, LY E63B
Helligkeits-Gruppierungsschema
Luminous Intensity Groups
Lichtgruppe
Luminous Intensity Group
Partieller Lichtfluss
Partial Flux
E
V [lux]
Lichtstärke
Luminous Intensity
I
V [mcd]
Lichtstrom
Luminous Flux
Φ
V [mlm]
BB
CA
CB
DA
DB
EA
2240 … 2800
2800 … 3550
3550 … 4500
4000 … 5600
5600 … 7100
7100 … 9000
2400 (typ.)
3000 (typ.)
3800 (typ.)
4700 (typ.)
6000 (typ.)
7600 (typ.)
1200 (typ.)
1500 (typ.)
1900 (typ.)
2400 (typ.)
3000 (typ.)
3700 (typ.)
Helligkeitswerte werden mit einer Stromeinprägedauer von 25 ms und einer Genauigkeit von ±11 % ermittelt.
Luminous intensity is tested at a current pulse duration of 25 ms and a tolerance of ±11 %.
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: DA-2-3A
Example: DA-2-3A
Partieller Lichtfluss
Partial Flux Group
Halbgruppe
Half Group
Wellenlänge
Wavelength
Durchlassspannung
Forward Voltage
DA
2
3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com