Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8845GC Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8845GC
Description  5A High Efficient Synchronous Step-Down Switcher with I2C Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8845GC Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8845GC Datasheet HTML 1Page - Monolithic Power Systems MP8845GC Datasheet HTML 2Page - Monolithic Power Systems MP8845GC Datasheet HTML 3Page - Monolithic Power Systems MP8845GC Datasheet HTML 4Page - Monolithic Power Systems MP8845GC Datasheet HTML 5Page - Monolithic Power Systems MP8845GC Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EV8845-C-02A – 5A HIGH EFFICIENT SYNC. STEP DOWN SWITCHER WITH I2C
EV8845-C-02A Rev.1.0
www.MonolithicPower.com
2
12/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2016 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
EV8845-C-02A BILL OF MATERIALS
Qty
RefDes
Value Description
Package
Manufacturer Manufacturer P/N
2
C1, C2,
22μF Ceramic Cap., 10V, X5R
SM0805
muRata
GRM21BR61A226ME51L
1
C3
0.1μF Ceramic Cap,16V,X7R
SM0603
muRata
GRM188R71C104KA01D
6
C4 C5 C6
C7 C8 C9
22μF Ceramic Cap,6.3V,X5R
SM0805
muRata
GRM21BR60J226ME39L
3
R1 R2 R3
100k Film Res.,5%
SM0603
Any
0
R4 R5 R6
R7 R8
NS
0
Q1
NS
1
L1
0.47μH Inductor IR=6.8A,Isat=14.5A
SM
4.0X2.0mm
Wurth
744 373 240 047
1
U1
MP8845 Step Down Switcher With I2C
WLCSP20-
1.6mmx2mm
MPS
MP8845GC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com